Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5331-PPYMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5331-PPYMT
Description  Micro-Power High Performance Dual 300mA ULDO?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331-PPYMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5331-PPYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5331-PPYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5331
Micro-Power High Performance
Dual 300mA ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2008
M9999-021408-A
General Description
The MIC5331 is a tiny dual low quiescent current LDO
ideal for applications that are power sensitive. The
MIC5331 integrates two high performance, 300mA LDOs
into a tiny 2mm x 2mm Thin MLF
® package, which
occupies less PC board area than a single SOT-23
package.
The MIC5331 is designed to reject input noise and provide
low output noise with fast transient response to any load
change quickly even though it is a low quiescent current
part. This combination of PSRR, low noise and transient
response along with low power consumption makes for a
very high performance, yet general purpose product.
The MIC5331 is a µCap design, operating with very small
ceramic output capacitors, which reduces required board
space and component cost; and it is available in fixed
output voltages in the tiny 8-pin 2mm x 2mm Thin MLF
®
leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 2.3V to 5.5V input voltage range
• 300mA output current per LDO
• Very low quiescent current: 25µA per LDO
• High PSRR - >65dB on each LDO
• Stable with 1µF ceramic output capacitors
• Tiny 8-pin 2mm x 2mm Thin MLF® package
• Ultra-low dropout voltage – 120mV @ 300mA
• Low output voltage noise – 50µVrms
• Thermal shutdown protection
• Current limit protection
Applications
• Camera phones
• Mobile phones
• PDAs
• GPS receivers
• Portable devices
___________________________________________________________________________________________________________
Typical Application
MIC5331-xxYMT
I/O
CORE
Camera DSP
VIN
EN2
VOUT1
VOUT2
GND
EN1
1µF
VBAT
1µF
1µF
Camera DSP Power Supply Circuit


Similar Part No. - MIC5331-PPYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5331-PPYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5333 MICREL-MIC5333 Datasheet
349Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO??with Dual POR
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5318 MICREL-MIC5318 Datasheet
321Kb / 11P
   High Performance 300mA uCap ULDO TM
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com