Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M39P0R9080E4ZASF Datasheet(PDF) 10 Page - Numonyx B.V

Part # M39P0R9080E4ZASF
Description  512 Mb or 1 Gb (x16, multiple bank, multilevel, burst) Flash memory 256 Mbit low power SDRAM, 1.8 V supply, multichip package
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M39P0R9080E4ZASF Datasheet(HTML) 10 Page - Numonyx B.V

Back Button M39P0R9080E4ZASF Datasheet HTML 6Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 7Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 8Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 9Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 10Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 11Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 12Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 13Page - Numonyx B.V M39P0R9080E4ZASF Datasheet HTML 14Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M39P0R9080E4, M39P0R1080E4
Signal descriptions
10/23
2.1.7
Flash memory Reset (A-RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode: the outputs are high impedance and the current consumption is
reduced to the Reset Supply Current IDD2. Refer to the M58PRxxxLE datasheet, for the
value of IDD2. After Reset, all blocks are in the locked state and the Configuration Register is
reset. When Reset is at VIH, the device is in normal operation. Exiting reset mode, the
device enters asynchronous read mode, but a negative transition of Chip Enable or Latch
Enable is required to ensure valid data outputs. The Reset pin can be interfaced with 3V
logic without any additional circuitry. It can be tied to VRPH (refer to the M58PRxxxLE
datasheet).
2.1.8
Flash memory Deep Power-Down (A-DPD)
The Deep Power-Down input is used to put the Flash memory in deep power-down mode.
When the Flash memory is in standby mode and the Enhanced Configuration Register bit
ECR15 is set, asserting the Deep Power-Down input causes the memory to enter the deep
power-down mode.
When the device is in the deep power-down mode, the memory cannot be modified and the
data is protected.
The polarity of the A-DPD pin is determined by ECR14. The Deep Power-Down input is
active Low by default.
2.1.9
Flash memory Latch Enable (A-L)
The Latch Enable input latches the address bits on its rising edge. The address latch is
transparent when Latch Enable is at VIL and it is inhibited when Latch Enable is at VIH. Latch
Enable can be kept Low (also at board level) when the Latch Enable function is not required
or supported.
2.1.10
Flash memory Clock (A-K)
The clock input synchronizes the memory to the microcontroller during synchronous read
operations; the address is latched on a Clock edge when Latch Enable is at VIL. Clock is
ignored during asynchronous read and in write operations.
2.1.11
Flash memory Wait (A-WAIT)
Wait is an output signal used during synchronous read to indicate whether the data on the
output bus are valid. This output is high impedance when Chip Enable is at VIH, Output
Enable is at VIH, or Reset is at VIL. It can be configured to be active during the wait cycle or
one data cycle in advance.
2.1.12
Flash memory A-VDD supply voltage
A-VDD provides the power supply to the internal core of the Flash memory component. It is
the main power supply for all operations (read, program and erase).


Similar Part No. - M39P0R9080E4ZASF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
M39P0R9080E0ZAD NUMONYX-M39P0R9080E0ZAD Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
M39P0R9080E0ZADE NUMONYX-M39P0R9080E0ZADE Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
M39P0R9080E0ZADF NUMONYX-M39P0R9080E0ZADF Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
More results

Similar Description - M39P0R9080E4ZASF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
   256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M36L0R7060T1 NUMONYX-M36L0R7060T1 Datasheet
445Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M36L0R7060T1 STMICROELECTRONICS-M36L0R7060T1 Datasheet
221Kb / 22P
   128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
M58PR256LE STMICROELECTRONICS-M58PR256LE Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M39P0R9080E0 NUMONYX-M39P0R9080E0 Datasheet
464Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 256 Mbit Low Power SDRAM, 1.8V Supply, Multi-Chip Package
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
   512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com