Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC47100 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC47100
Description  1A High Speed Low VIN LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC47100 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC47100 Datasheet HTML 5Page - Micrel Semiconductor MIC47100 Datasheet HTML 6Page - Micrel Semiconductor MIC47100 Datasheet HTML 7Page - Micrel Semiconductor MIC47100 Datasheet HTML 8Page - Micrel Semiconductor MIC47100 Datasheet HTML 9Page - Micrel Semiconductor MIC47100 Datasheet HTML 10Page - Micrel Semiconductor MIC47100 Datasheet HTML 11Page - Micrel Semiconductor MIC47100 Datasheet HTML 12Page - Micrel Semiconductor MIC47100 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC47100
February 2008
10
M9999-022108-A
(408) 944-0800
Applications Information
The MIC47100 is a high speed, dual supply NMOS LDO
designed to take advantage of point-of-load applications that
use multiple supply rails to generate a low voltage, high
current power supply. The MIC47100 can source 1A of
output current while only requiring a 1µF ceramic output
capacitor for stability.
The MIC47100 regulator is fully protected from damage due
to fault conditions, offering linear current limiting and thermal
shutdown.
Bias Supply Voltage
VBIAS, requiring relatively light current, provides power
to the control portion of the MIC47100. Bypassing on
the bias pin is recommended to improve performance
of the regulator during line and load transients. Small
ceramic capacitors from VBIAS-to-ground help reduce
high frequency noise from being injected into the
control circuitry from the bias rail and are good design
practice.
Input Supply Voltage
VIN provides the supply to power the LDO. The
minimum input voltage is 1V, allowing conversion from
low voltage supplies.
Output Capacitor
The MIC47100 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized
for use with low-ESR ceramic chip capacitors. High
ESR capacitors may cause high frequency oscillation.
The
output
capacitor
can
be
increased,
but
performance has been optimized for a 1µF ceramic
output capacitor and does not improve significantly
with larger capacitance.
X7R/X5R dielectric-type ceramic capacitors are
recommended
because
of
their
temperature
performance.
X7R-type
capacitors
change
capacitance by 15% over their operating temperature
range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60%, respectively, over
their operating temperature ranges. To use a ceramic
chip capacitor with Y5V dielectric, the value must be
much higher than an X7R ceramic capacitor to ensure
the same minimum capacitance over the equivalent
operating temperature range.
Input Capacitor
The MIC47100 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input to ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high-
frequency capacitors, such as small-valued NPO
dielectric-type
capacitors,
help
filter
out
high-
frequency noise and are good practice in any RF-
based circuit.
Minimum Load Current
The MIC47100, unlike most other regulators, does not
require a minimum load to maintain output voltage
regulation.
Adjustable Regulator Design
The
MIC47100
adjustable
version
allows
programming the output voltage anywhere between
0.8V and 2.0V. Two resistors are used. The R1
resistor value between VOUT and the adjust pin should
not exceed 10kΩ. Larger values can cause instability.
R2 connects between the adjust pin and ground. The
resistor values are calculated by:
⎟⎟
⎜⎜
×
=
1
0.7
V
R2
R1
OUT
Where VOUT is the desired output voltage.
Enable/Shutdown
The MIC47100 comes with a single active-high enable
pin that allows the regulator to be disabled. Forcing
the enable pin low disables the regulator and sends it
into a “zero” off-mode-current state. In this state,
current consumed by the regulator goes nearly to
zero. Forcing the enable pin high enables the output
voltage. The active-high enable pin uses CMOS
technology and the enable pin cannot be left floating;
a floating enable pin may cause an indeterminate
state on the output.
Thermal Considerations
The MIC47100 is designed to provide 1A of
continuous current in a very small package. Maximum
ambient operating temperature can be calculated
based on the output current and the voltage drop
across the part. Given that the input voltage is 1.8V,
the output voltage is 1.2V and the output current is
1A. The actual power dissipation of the regulator
circuit can be determined using the equation:
PD = (VIN – VOUT1) IOUT + VBIAS IGND
Because this device is CMOS, the ground current is
insignificant for power dissipation and can be ignored
for this calculation.
PD = (1.8V – 1.2V) × 1A
PD = 0.6W


Similar Part No. - MIC47100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
MIC47150WD MICREL-MIC47150WD Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
More results

Similar Description - MIC47100

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
AiT Semiconductor Inc.
A6110C AITSEMI-A6110C Datasheet
684Kb / 10P
   CMOS LOW DROPOUT REGULATOR (LDO) 1A HIGH SPEED LOW NOISE
REV1.0
logo
Torex Semiconductor
XC6602 TOREX-XC6602 Datasheet
963Kb / 31P
   1A, 0.5V Low Input Voltage, High Speed LDO Regulator
XC6603 TOREX-XC6603 Datasheet
927Kb / 29P
   1A, 0.5V Low Input Voltage, High Speed LDO Regulator
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
logo
Shenzhen Huazhimei Semi...
HM6246 HMSEMI-HM6246 Datasheet
943Kb / 11P
   1A Low Power High PSRR LDO
HM6117 HMSEMI-HM6117 Datasheet
913Kb / 7P
   1A Voltage High Speed LDO Regulators HM6117 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com