Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6P Datasheet(PDF) 6 Page - Numonyx B.V

Part # M45PE80-VMP6P
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6P Datasheet(HTML) 6 Page - Numonyx B.V

Back Button M45PE80-VMP6P Datasheet HTML 2Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 3Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 4Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 5Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 6Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 7Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 8Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 9Page - Numonyx B.V M45PE80-VMP6P Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Summary description
M45PE80
6/47
1
Summary description
The M45PE80 is a 8 Mbit (1 Mbit × 8 bit) Serial Paged Flash Memory accessed by a high
speed SPI-compatible bus.
The memory can be written or programmed 1 to 256 bytes at a time, using the Page Write or
Page Program instruction. The Page Write instruction consists of an integrated Page Erase
cycle followed by a Page Program cycle.
The memory is organized as 16 sectors, each containing 256 pages. Each page is 256
bytes wide. Thus, the whole memory can be viewed as consisting of 4096 pages, or 1 048
576 bytes.
The memory can be erased a page at a time, using the Page Erase instruction, or a sector
at a time, using the Sector Erase instruction.
In order to meet environmental requirements, Numonyx offers the M45PE80 in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.
Figure 1.
Logic diagram
Table 1.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data Input
Input
Q
Serial Data Output
Output
S
Chip Select
Input
W
Write Protect
Input
Reset
Reset
Input
VCC
Supply Voltage
VSS
Ground
Reset
AI06810B
S
VCC
M45PE80
VSS
W
Q
C
D


Similar Part No. - M45PE80-VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80-VMP6P STMICROELECTRONICS-M45PE80-VMP6P Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE80-VMP6P STMICROELECTRONICS-M45PE80-VMP6P Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE80-VMP6P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com