Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089P Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP61089P
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089P Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP61089P Datasheet HTML 1Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 2Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 3Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 4Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 5Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 6Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 7Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 8Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications are subject to change without notice.
5
NOVEMBER 1995 - REVISED AUGUST 2002
Figure 2. Non-repetitive Peak On-State Current against Duration
(Gate Voltage Ranges are -20 V to -75 V for the '61089 and -20 V to -100 V for the '61089A)
PEAK NON-RECURRING AC
vs
CURRENT DURATION
t — Current Duration — s
0.01
0.1
1
10
100
1000
0.5
0.6
0.7
0.8
1.5
2
3
4
5
6
7
8
15
20
1
10
EIA /JESD51
Environment and
PCB, T
A = 25 °C
TI61AFA
V
GG = - 100 V
V
GG = - 60 V
V
GG = - 80 V
RING AND T IP TERM INALS:
Equal I
TSM values applied
simultaneously
GROUND TERM INAL:
Current twice I
TSM value
Thermal Information
TISP61089 Gated Protector Series


Similar Part No. - TISP61089P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
TISP61089ADR-S BOURNS-TISP61089ADR-S Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
More results

Similar Description - TISP61089P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com