Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089P Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP61089P
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089P Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP61089P Datasheet HTML 1Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 2Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 3Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 4Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 5Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 6Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 7Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 8Page - Bourns Electronic Solutions TISP61089P Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Specifications are subject to change without notice.
3
NOVEMBER 1995 - REVISED AUGUST 2002
TISP61089 Gated Protector Series
Recommended Operating Conditions
Component
Min
Typ
Max
Unit
CG
Gate decoupling capacitor
100
220
nF
RS
Series resistor for GR-1089-CORE first-level surge survival
25
Series resistor for GR-1089-CORE first-level and second-level surge survival
40
Series resistor for GR-1089-CORE intra-building port surge survival
8
Series resistor for K.20, K.21 and K.45 coordination with a 400 V primary protector
10
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
ID
Off-state current
VD =VDRM, VGK =0
TJ = 25 °C-5
µA
TJ = 85 °C-50
µA
V(BO)
Breakover voltage
2/10 µs, IPP = -56 A, RS = 45 Ω, VGG = -48 V, CG = 220 nF
2/10 µs, IPP = -100 A, RS = 50 Ω, VGG = -48V, CG = 220 nF
1.2/50 µs, IPP = -53A, RS = 47 Ω, VGG = -48 V, CG = 220 nF
1.2/50 µs, IPP = -96A, RS = 52 Ω, VGG = -48 V, CG = 220 nF
-57
-60
-60
-64
V
VGK(BO)
Gate-cathode impulse
breakover voltage
2/10 µs, IPP = -56 A, RS = 45 Ω, VGG = -48 V, CG = 220 nF
2/10 µs, IPP = -100 A, RS = 50 Ω, VGG = -48V, CG = 220 nF
1.2/50 µs, IPP = -53A, RS = 47 Ω, VGG = -48 V, CG = 220 nF
1.2/50 µs, IPP = -96A, RS = 52 Ω, VGG = -48 V, CG = 220 nF
9
12
12
16
V
VF
Forward voltage
IF =5A, tw =200 µs3
V
VFRM
Peak forward recovery
voltage
2/10 µs, IPP = 56 A, RS = 45 Ω, VGG = -48 V, CG = 220 nF
2/10 µs, IPP = 100 A, RS = 50 Ω, VGG = -48V, CG = 220 nF
1.2/50 µs, IPP = 53 A, RS = 47 Ω, VGG = -48 V, CG = 220 nF
1.2/50 µs, IPP = 96 A, RS = 52 Ω, VGG = -48 V, CG = 220 nF
6
8
8
12
V
IH
Holding current
IT =-1A, di/dt = 1A/ms, VGG =-48 V
-150
mA
IGKS
Gate reverse current
VGG =VGK =VGKRM, VKA =0
TJ = 25 °C-5
µA
TJ = 85 °C-50
µA
IGT
Gate trigger current
IT =-3A, tp(g) ≥ 20 µs, VGG =-48 V
5
mA
VGT
Gate-cathode trigger
voltage
IT =-3A, tp(g) ≥ 20 µs, VGG =-48 V
2.5
V
QGS
Gate sw itching charge
1.2/50 µs, IPP = -53A, RS = 47 Ω, VGG = -48 V, CG = 220 nF
0.1
µC
CKA
Cathode-anode off-
state capacitance
f=1MHz, Vd =1V, IG = 0, (see Note 3)
VD =-3V
100
pF
VD =-48 V
50pF
NOTES: 3. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
Thermal Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
TA = 25 °C, EIA/JESD51-3
PCB, EIA/JESD51-2
environment, PTOT = 1.7 W
D Package
120
°C/W
P package
100


Similar Part No. - TISP61089P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
TISP61089ADR-S BOURNS-TISP61089ADR-S Datasheet
657Kb / 8P
   TISP61089 Gated Protector Series
More results

Similar Description - TISP61089P

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com