Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MICRF022BM-FS12 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MICRF022BM-FS12
Description  300-440MHz QwikRadio?줐SK Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF022BM-FS12 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MICRF022BM-FS12 Datasheet HTML 2Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 3Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 4Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 5Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 6Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 7Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 8Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 9Page - Micrel Semiconductor MICRF022BM-FS12 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MICRF002/RF022
Micrel
MICRF002/RF022
6
March 2003
Typical Characteristics
1.5
3.0
4.5
6.0
250
300
350
400
450
500
FREQUENCY (MHz)
Supply Current
vs. Frequency
T
A = 25°C
V
DD = 5V
Sweep Mode,
Continuous Operation
1.5
2.0
2.5
3.0
3.5
-40 -20
0
20
40
60
80 100
TEMPERATURE (
°C)
Supply Current
vs. Temperature
f = 315MHz
V
DD = 5V
Sweep Mode,
Continuous Operation


Similar Part No. - MICRF022BM-FS12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF022BM MICREL-MICRF022BM Datasheet
188Kb / 13P
   QwikRadiotm Low Power UHF Receiver Preliminary Information
More results

Similar Description - MICRF022BM-FS12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
   300-440MHz QwikRadio짰 ASK Receiver
logo
List of Unclassifed Man...
RF83 ETC2-RF83 Datasheet
500Kb / 22P
   300~440MHz ASK/OOK Receiver
logo
Micrel Semiconductor
MICRF008 MICREL-MICRF008 Datasheet
115Kb / 12P
   QwikRadio??Sweep-Mode Receiver
MICRF213 MICREL-MICRF213_11 Datasheet
975Kb / 16P
   3.3V, QwikRadio 315MHz Receiver
MICRF008 MICREL-MICRF008_11 Datasheet
208Kb / 13P
   QwikRadio Sweep-Mode Receiver
MICRF009 MICREL-MICRF009 Datasheet
1Mb / 16P
   QwikRadio Low-Power UHF Receiver
MICRF007 MICREL-MICRF007 Datasheet
96Kb / 16P
   QwikRadio Low-Power UHF Receiver
MICRF010 MICREL-MICRF010 Datasheet
364Kb / 14P
   QwikRadio Low-Power UHF Receiver
MICRF004 MICREL-MICRF004 Datasheet
94Kb / 16P
   QwikRadio??Low-Power VHF Receiver Advance Information
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
   3.3V, QwikRadio 850 MHz to 950 MHz Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com