Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W160CT70N6 Datasheet(PDF) 11 Page - Numonyx B.V

Part # M28W160CT70N6
Description  16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W160CT70N6 Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M28W160CT70N6 Datasheet HTML 7Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 8Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 9Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 10Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 11Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 12Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 13Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 14Page - Numonyx B.V M28W160CT70N6 Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11/50
M28W160CT, M28W160CB
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. An internal Program/Erase Controller han-
dles all timings and verifies the correct execution
of the Program and Erase commands. The Pro-
gram/Erase Controller provides a Status Register
whose output may be read at any time during, to
monitor the progress of the operation, or the Pro-
gram/Erase states. See Appendix 21, Table 32,
Write State Machine Current/Next, for a summary
of the Command Interface.
The Command Interface is reset to Read mode
when power is first applied, when exiting from Re-
set or whenever VDD is lower than VLKO. Com-
mand sequences must be followed exactly. Any
invalid combination of commands will reset the de-
vice to Read mode. Refer to Table 4, Commands,
in conjunction with the text descriptions below.
Read Memory Array Command
The Read command returns the memory to its
Read mode. One Bus Write cycle is required to is-
sue the Read Memory Array command and return
the memory to Read mode. Subsequent read op-
erations will read the addressed location and out-
put the data. When a device Reset occurs, the
memory defaults to Read mode.
Read Status Register Command
The Status Register indicates when a program or
erase operation is complete and the success or
failure of the operation itself. Issue a Read Status
Register command to read the Status Register’s
contents. Subsequent Bus Read operations read
the Status Register at any address, until another
command is issued. See Table 11, Status Register
Bits, for details on the definitions of the bits.
The Read Status Register command may be is-
sued at any time, even during a Program/Erase
operation. Any Read attempt during a Program/
Erase operation will automatically output the con-
tent of the Status Register.
Read Electronic Signature Command
The Read Electronic Signature command reads
the Manufacturer and Device Codes and the Block
Locking Status, or the Protection Register.
The Read Electronic Signature command consists
of one write cycle, a subsequent read will output
the Manufacturer Code, the Device Code, the
Block Lock and Lock-Down Status, or the Protec-
tion and Lock Register. See Tables 5, 6 and 7 for
the valid address.
Read CFI Query Command
The Read Query Command is used to read data
from the Common Flash Interface (CFI) Memory
Area, allowing programming equipment or appli-
cations to automatically match their interface to
the characteristics of the device. One Bus Write
cycle is required to issue the Read Query Com-
mand. Once the command is issued subsequent
Bus Read operations read from the Common
Flash Interface Memory Area. See Appendix B,
Common Flash Interface, Tables 26, 27, 28, 29,
30 and 31 for details on the information contained
in the Common Flash Interface memory area.
Block Erase Command
The Block Erase command can be used to erase
a block. It sets all the bits within the selected block
to ’1’. All previous data in the block is lost. If the
block is protected then the Erase operation will
abort, the data in the block will not be changed and
the Status Register will output the error.
Two Bus Write cycles are required to issue the
command.
The first bus cycle sets up the Erase command.
The second latches the block address in the
internal state machine and starts the Program/
Erase Controller.
If the second bus cycle is not Write Erase Confirm
(D0h), Status Register bits b4 and b5 are set and
the command aborts.
Erase aborts if Reset turns to VIL. As data integrity
cannot be guaranteed when the Erase operation is
aborted, the block must be erased again.
During Erase operations the memory will accept
the Read Status Register command and the Pro-
gram/Erase Suspend command, all other com-
mands will be ignored. Typical Erase times are
given in Table 8, Program, Erase Times and Pro-
gram/Erase Endurance Cycles.
See Appendix C, Figure 20, Erase Flowchart and
Pseudo Code, for a suggested flowchart for using
the Erase command.
Program Command
The memory array can be programmed word-by-
word. Two bus write cycles are required to issue
the Program Command.
The first bus cycle sets up the Program
command.
The second latches the Address and the Data to
be written and starts the Program/Erase
Controller.
During Program operations the memory will ac-
cept the Read Status Register command and the
Program/Erase Suspend command. Typical Pro-
gram times are given in Table 8, Program, Erase
Times and Program/Erase Endurance Cycles.
Programming aborts if Reset goes to VIL. As data
integrity cannot be guaranteed when the program
operation is aborted, the block containing the


Similar Part No. - M28W160CT70N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160CT70N6 STMICROELECTRONICS-M28W160CT70N6 Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT70N6E STMICROELECTRONICS-M28W160CT70N6E Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT70N6F STMICROELECTRONICS-M28W160CT70N6F Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT70N6S STMICROELECTRONICS-M28W160CT70N6S Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT70N6T STMICROELECTRONICS-M28W160CT70N6T Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M28W160CT70N6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
January 2004
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W160DB STMICROELECTRONICS-M29W160DB Datasheet
256Kb / 42P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W160DT STMICROELECTRONICS-M29W160DT Datasheet
386Kb / 29P
   16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
   8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
April 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com