Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M45PE80-VMP6G Datasheet(PDF) 9 Page - Numonyx B.V

Part # M45PE80-VMP6G
Description  8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M45PE80-VMP6G Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M45PE80-VMP6G Datasheet HTML 5Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 6Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 7Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 8Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 9Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 10Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 11Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 12Page - Numonyx B.V M45PE80-VMP6G Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
M45PE80
Signal description
9/47
2.7
VCC supply voltage
VCC is the supply voltage.
2.8
VSS ground
VSS is the reference for the VCC supply voltage.


Similar Part No. - M45PE80-VMP6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80-VMP6G STMICROELECTRONICS-M45PE80-VMP6G Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE80-VMP6G STMICROELECTRONICS-M45PE80-VMP6G Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
More results

Similar Description - M45PE80-VMP6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80_06 Datasheet
373Kb / 47P
   8 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE16 STMICROELECTRONICS-M45PE16 Datasheet
396Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE40 NUMONYX-M45PE40 Datasheet
886Kb / 46P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
M45PE16 NUMONYX-M45PE16 Datasheet
856Kb / 45P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface
logo
STMicroelectronics
M45PE80 STMICROELECTRONICS-M45PE80 Datasheet
472Kb / 36P
   8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
M45PE20 STMICROELECTRONICS-M45PE20 Datasheet
427Kb / 35P
   2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
logo
STMicroelectronics
M45PE40 STMICROELECTRONICS-M45PE40 Datasheet
536Kb / 35P
   4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
M45PE10 STMICROELECTRONICS-M45PE10 Datasheet
426Kb / 34P
   1 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com