Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC809TYC3 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC809TYC3
Description  Microprocessor Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809TYC3 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC809TYC3 Datasheet HTML 1Page - Micrel Semiconductor MIC809TYC3 Datasheet HTML 2Page - Micrel Semiconductor MIC809TYC3 Datasheet HTML 3Page - Micrel Semiconductor MIC809TYC3 Datasheet HTML 4Page - Micrel Semiconductor MIC809TYC3 Datasheet HTML 5Page - Micrel Semiconductor MIC809TYC3 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC809/810
Micrel
M0450-041405
2
April 2005
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
MIC809
MIC810
1
1
GND
IC Ground Pin.
2
N/A
/RESET
/RESET goes low if VCC falls below the reset threshold and remains as-
serted for one reset timeout period (140ms min.) after VCC exceeds the reset
threshold.
N/A
2
RESET
RESET goes high if VCC falls below the reset threshold and remains as-
serted for one reset timeout period (140ms min.) after VCC exceeds the reset
threshold.
3
3
VCC
Power Supply Input.
Pin Configuration
1
2
3 VCC
GND
MIC809
RESET
1
2
3 VCC
GND
MIC810
RESET
Pin Number
Pin Number
Pin Name
Pin Function
MIC809
MIC810
N/A
2
RESET
RESET goes high if V
3
3
VCC
Power Supply Input.
Pin Number
Pin Number
Pin Name
Pin Function
MIC809
MIC810
1
1
GND
IC Ground Pin.
2
N/A
/RESET
/RESET goes low if V
N/A
2
RESET
RESET goes high if V
3
3
VCC
Power Supply Input.
Pin Number
Pin Number
Pin Name
Pin Function
1
1
GND
IC Ground Pin.
2
N/A
/RESET
/RESET goes low if V
N/A
2
RESET
RESET goes high if V
3
3
VCC
Power Supply Input.
Pin Number
Pin Number
Pin Name
Pin Function
1
1
GND
IC Ground Pin.
2
N/A
/RESET
/RESET goes low if V
N/A
2
RESET
RESET goes high if V
3
3
VCC
Power Supply Input.
MIC809 3-Lead SOT23
MIC809 3-Lead SC70
Ordering Information
Part Number
Threshold
Operating
Lead Finish
3-lead SOT-23 Package3-lead SC-70 Package
Marking
Voltage
Temp. Range
MIC809LU
MIC809LBC3
IL
4.63
–40°C to +85°C
Standard
MIC809MU
MIC809MBC3
IM
4.38
–40°C to +85°C
Standard
MIC809JU
MIC809JBC3
IJ
4.00
–40°C to +85°C
Standard
MIC809TU
MIC809TBC3
IT
3.08
–40°C to +85°C
Standard
MIC809SU
MIC809SBC3
IS
2.93
–40°C to +85°C
Standard
MIC809RU
MIC809RBC3
IR
2.63
–40°C to +85°C
Standard
MIC810LU
MIC810LBC3
JL
4.63
–40°C to +85°C
Standard
MIC810MU
MIC810MBC3
JM
4.38
–40°C to +85°C
Standard
MIC810JU
MIC810JBC3
JJ
4.00
–40°C to +85°C
Standard
MIC810TU
MIC810TBC3
JT
3.08
–40°C to +85°C
Standard
MIC810SU
MIC810SBC3
JS
2.93
–40°C to +85°C
Standard
MIC810RU
MIC810RBC3
JR
2.63
–40°C to +85°C
Standard
MIC809LUY
MIC809LYC3
IL
4.63
–40°C to +85°C
Pb-Free
MIC809MUY
MIC809MYC3
IM
4.38
–40°C to +85°C
Pb-Free
MIC809JUY
MIC809JYC3
IJ
4.00
–40°C to +85°C
Pb-Free
MIC809TUY
MIC809TYC3
IT
3.08
–40°C to +85°C
Pb-Free
MIC809SUY
MIC809SYC3
IS
2.93
–40°C to +85°C
Pb-Free
MIC809RUY
MIC809RYC3
IR
2.63
–40°C to +85°C
Pb-Free
MIC810LUY
MIC810LYC3
JL
4.63
–40°C to +85°C
Pb-Free
JL
JL
MIC810MUY
MIC810MYC3
JM
4.38
–40°C to +85°C
Pb-Free
MIC810JUY
MIC810JYC3
JJ
4.00
–40°C to +85°C
Pb-Free
MIC810TUY
MIC810TYC3
JT
3.08
–40°C to +85°C
Pb-Free
MIC810SUY
MIC810SYC3
JS
2.93
–40°C to +85°C
Pb-Free
MIC810RUY
MIC810RYC3
JR
2.63
–40°C to +85°C
Pb-Free
Note: Contact factory for SC70 packaged Pb-free options..
MIC809LU
MIC809LBC3
IL
4.63
–40°C to +85°C
Standard
MIC809MU
MIC809MBC3
IM
4.38
–40°C to +85°C
Standard
MIC809JU
MIC809JBC3
IJ
4.00
–40°C to +85°C
Standard
MIC809TU
MIC809TBC3
IT
3.08
–40°C to +85°C
Standard
MIC809SU
MIC809SBC3
IS
2.93
–40°C to +85°C
Standard
MIC809RU
MIC809RBC3
IR
2.63
–40°C to +85°C
Standard
MIC810LU
MIC810LBC3
JL
4.63
–40°C to +85°C
Standard
MIC810MU
MIC810MBC3
JM
4.38
–40°C to +85°C
Standard
MIC810JU
MIC810JBC3
JJ
4.00
–40°C to +85°C
Standard
MIC810TU
MIC810TBC3
JT
3.08
–40°C to +85°C
Standard
MIC810SU
MIC810SBC3
JS
2.93
–40°C to +85°C
Standard
MIC810RU
MIC810RBC3
JR
2.63
–40°C to +85°C
Standard
Threshold
Operating
Marking
Voltage
Temp. Range
MIC809LU
MIC809LBC3
IL
4.63
–40°C to +85°C
Standard
MIC809MU
MIC809MBC3
IM
4.38
–40°C to +85°C
Standard
MIC809JU
MIC809JBC3
IJ
4.00
–40°C to +85°C
Standard
MIC809TU
MIC809TBC3
IT
3.08
–40°C to +85°C
Standard
MIC809SU
MIC809SBC3
IS
2.93
–40°C to +85°C
Standard
MIC809RU
MIC809RBC3
IR
2.63
–40°C to +85°C
Standard
MIC810LU
MIC810LBC3
JL
4.63
–40°C to +85°C
Standard
MIC810MU
MIC810MBC3
JM
4.38
–40°C to +85°C
Standard
MIC810JU
MIC810JBC3
JJ
4.00
–40°C to +85°C
Standard
MIC810TU
MIC810TBC3
JT
3.08
–40°C to +85°C
Standard
MIC810SU
MIC810SBC3
JS
2.93
–40°C to +85°C
Standard
MIC810RU
MIC810RBC3
JR
2.63
–40°C to +85°C
Standard
4.63
–40°C to +85°C
Pb-Free
4.38
–40°C to +85°C
Pb-Free
4.00
–40°C to +85°C
Pb-Free
3.08
–40°C to +85°C
Pb-Free
2.93
–40°C to +85°C
Pb-Free
2.63
–40°C to +85°C
Pb-Free
4.63
–40°C to +85°C
Pb-Free
4.38
–40°C to +85°C
Pb-Free
4.00
–40°C to +85°C
Pb-Free
3.08
–40°C to +85°C
Pb-Free
2.93
–40°C to +85°C
Pb-Free
2.63
–40°C to +85°C
Pb-Free
Lead Finish
MIC809LU
MIC809LBC3
IL
4.63
–40°C to +85°C
Standard
MIC809MU
MIC809MBC3
IM
4.38
–40°C to +85°C
Standard
MIC809JU
MIC809JBC3
IJ
4.00
–40°C to +85°C
Standard
MIC809TU
MIC809TBC3
IT
3.08
–40°C to +85°C
Standard
MIC809SU
MIC809SBC3
IS
2.93
–40°C to +85°C
Standard
MIC809RU
MIC809RBC3
IR
2.63
–40°C to +85°C
Standard
MIC810LU
MIC810LBC3
JL
4.63
–40°C to +85°C
Standard
MIC810MU
MIC810MBC3
JM
4.38
–40°C to +85°C
Standard
MIC810JU
MIC810JBC3
JJ
4.00
–40°C to +85°C
Standard
MIC810TU
MIC810TBC3
JT
3.08
–40°C to +85°C
Standard
MIC810SU
MIC810SBC3
JS
2.93
–40°C to +85°C
Standard
MIC810RU
MIC810RBC3
JR
2.63
–40°C to +85°C
Standard
4.63
–40°C to +85°C
Pb-Free
4.38
–40°C to +85°C
Pb-Free
4.00
–40°C to +85°C
Pb-Free
3.08
–40°C to +85°C
Pb-Free
2.93
–40°C to +85°C
Pb-Free
2.63
–40°C to +85°C
Pb-Free
4.63
–40°C to +85°C
Pb-Free
4.38
–40°C to +85°C
Pb-Free
4.00
–40°C to +85°C
Pb-Free
3.08
–40°C to +85°C
Pb-Free
2.93
–40°C to +85°C
Pb-Free
2.63
–40°C to +85°C
Pb-Free
MIC809LU
MIC809LBC3
IL
4.63
–40°C to +85°C
Standard
MIC809MU
MIC809MBC3
IM
4.38
–40°C to +85°C
Standard
MIC809JU
MIC809JBC3
IJ
4.00
–40°C to +85°C
Standard
MIC809TU
MIC809TBC3
IT
3.08
–40°C to +85°C
Standard
MIC809SU
MIC809SBC3
IS
2.93
–40°C to +85°C
Standard
MIC809RU
MIC809RBC3
IR
2.63
–40°C to +85°C
Standard
MIC810LU
MIC810LBC3
JL
4.63
–40°C to +85°C
Standard
MIC810MU
MIC810MBC3
JM
4.38
–40°C to +85°C
Standard
MIC810JU
MIC810JBC3
JJ
4.00
–40°C to +85°C
Standard
MIC810TU
MIC810TBC3
JT
3.08
–40°C to +85°C
Standard
MIC810SU
MIC810SBC3
JS
2.93
–40°C to +85°C
Standard
MIC810RU
MIC810RBC3
JR
2.63
–40°C to +85°C
Standard
MIC809LUY
MIC809LYC3
MIC809MUY
MIC809MYC3
MIC809JUY
MIC809JYC3
MIC809TUY
MIC809TYC3
MIC809SUY
MIC809SYC3
MIC809RUY
MIC809RYC3
MIC810LUY
MIC810LYC3
MIC810MUY
MIC810MYC3
MIC810JUY
MIC810JYC3
MIC810TUY
MIC810TYC3
MIC810SUY
MIC810SYC3
MIC810RUY
MIC810RYC3
Threshold
Operating
Marking
Voltage
Temp. Range
MIC809LU
MIC809LBC3
IL
4.63
–40°C to +85°C
Standard
MIC809MU
MIC809MBC3
IM
4.38
–40°C to +85°C
Standard
MIC809JU
MIC809JBC3
IJ
4.00
–40°C to +85°C
Standard
MIC809TU
MIC809TBC3
IT
3.08
–40°C to +85°C
Standard
MIC809SU
MIC809SBC3
IS
2.93
–40°C to +85°C
Standard
MIC809RU
MIC809RBC3
IR
2.63
–40°C to +85°C
Standard
MIC810LU
MIC810LBC3
JL
4.63
–40°C to +85°C
Standard
MIC810MU
MIC810MBC3
JM
4.38
–40°C to +85°C
Standard
MIC810JU
MIC810JBC3
JJ
4.00
–40°C to +85°C
Standard
MIC810TU
MIC810TBC3
JT
3.08
–40°C to +85°C
Standard
MIC810SU
MIC810SBC3
JS
2.93
–40°C to +85°C
Standard
MIC810RU
MIC810RBC3
JR
2.63
–40°C to +85°C
Standard
4.63
–40°C to +85°C
Pb-Free
4.38
–40°C to +85°C
Pb-Free
4.00
–40°C to +85°C
Pb-Free
3.08
–40°C to +85°C
Pb-Free
2.93
–40°C to +85°C
Pb-Free
2.63
–40°C to +85°C
Pb-Free
4.63
–40°C to +85°C
Pb-Free
4.38
–40°C to +85°C
Pb-Free
4.00
–40°C to +85°C
Pb-Free
3.08
–40°C to +85°C
Pb-Free
2.93
–40°C to +85°C
Pb-Free
2.63
–40°C to +85°C
Pb-Free
MIC810 3-Lead SOT23
MIC810 3-Lead SC70


Similar Part No. - MIC809TYC3

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC809TYC3 MICREL-MIC809TYC3 Datasheet
603Kb / 10P
   Microprocessor Reset Circuits
More results

Similar Description - MIC809TYC3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com