Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1310NLPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF1310NLPBF
Description  HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1310NLPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRF1310NLPBF Datasheet HTML 2Page - International Rectifier IRF1310NLPBF Datasheet HTML 3Page - International Rectifier IRF1310NLPBF Datasheet HTML 4Page - International Rectifier IRF1310NLPBF Datasheet HTML 5Page - International Rectifier IRF1310NLPBF Datasheet HTML 6Page - International Rectifier IRF1310NLPBF Datasheet HTML 7Page - International Rectifier IRF1310NLPBF Datasheet HTML 8Page - International Rectifier IRF1310NLPBF Datasheet HTML 9Page - International Rectifier IRF1310NLPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRF1310NS/LPbF
6
www.irf.com


Similar Part No. - IRF1310NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1310NL IRF-IRF1310NL Datasheet
156Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
logo
Kersemi Electronic Co.,...
IRF1310NL KERSEMI-IRF1310NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF1310NL ISC-IRF1310NL Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IRF1310NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com