Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58BW016FB8ZA3FT Datasheet(PDF) 11 Page - Numonyx B.V

Part # M58BW016FB8ZA3FT
Description  16 Mbit (512 Kbit x 32, boot block, burst) 3 V supply Flash memories
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58BW016FB8ZA3FT Datasheet(HTML) 11 Page - Numonyx B.V

Back Button M58BW016FB8ZA3FT Datasheet HTML 7Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 8Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 9Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 10Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 11Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 12Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 13Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 14Page - Numonyx B.V M58BW016FB8ZA3FT Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
M58BW016DT, M58BW016DB, M58BW016FT, M58BW016FB
Description
11/70
Figure 3.
LBGA connections (top view through package)
1.1
Block protection
The M58BW016 feature two different levels of block protection.
Write protect pin, WP - When WP is Low, VIL, all the lockable parameter blocks (two
upper (top) or lower (bottom)) and all the main blocks are protected. When WP is High
(VIH) all the lockable parameter blocks and all the main blocks are unprotected
Reset/power-down pin, RP - If the device is held in reset mode (RP at VIL), no
program or erase operations can be performed on any block.
After a device reset the first two kinds of block protection (WP, RP) can be combined to give
a flexible block protection.
AI04151C
B
DQ24
DQ7
VSSQ
F
VDDQ
DQ26
DQ4
VDDQ
E
DQ29
VSS
DQ0
DQ3
D
A0
NC
A7
A11
A18
A17
C
A1
A4
A5
A8
RP
E
A13
A16
B
A2
A3
A6
VDD
VPP
VDD
A14
A
8
7
6
5
4
3
2
1
DQ20
DQ18
DQ19
DQ17
DQ11
DQ12
DQ13
VDDQ
DQ23
DQ8
VDDQ
H
G
NC
GD
W
VDDQIN
DQ16
R
G
L
DQ14
DQ15
J
I
A15
VSS
A12
A9
A10
NC
NC
NC
DQ31
DQ30
DQ2
DQ28
DQ6
DQ25
VSSQ
DQ10
DQ9
DQ21
WP
K
NC
DQ1
DQ27
DQ5
NC
DQ22


Similar Part No. - M58BW016FB8ZA3FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016FB80T3FF STMICROELECTRONICS-M58BW016FB80T3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB80T3FT STMICROELECTRONICS-M58BW016FB80T3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB80ZA3FF STMICROELECTRONICS-M58BW016FB80ZA3FF Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
M58BW016FB80ZA3FT STMICROELECTRONICS-M58BW016FB80ZA3FT Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
More results

Similar Description - M58BW016FB8ZA3FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016DB STMICROELECTRONICS-M58BW016DB Datasheet
627Kb / 69P
   16 Mbit (512 Kb x 32, boot block, burst) 3 V supply Flash memories
logo
Micron Technology
M58BW016FB7T3T MICRON-M58BW016FB7T3T Datasheet
1Mb / 70P
   16 Mbit (512 Kbit x 32, boot block, burst)
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
M29W800DT NUMONYX-M29W800DT Datasheet
1Mb / 52P
   8-Mbit (1 Mbit x 8 or 512 Kbits x 16, boot block) 3 V supply flash memory
M29W400DT NUMONYX-M29W400DT Datasheet
1Mb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
logo
STMicroelectronics
M29W400DT STMICROELECTRONICS-M29W400DT_07 Datasheet
449Kb / 48P
   4 Mbit (512 Kb x 8 or 256 Kb x 16, boot block) 3 V supply Flash memory
M58BW032BT STMICROELECTRONICS-M58BW032BT Datasheet
906Kb / 60P
   32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com