Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128KT Datasheet(PDF) 9 Page - Numonyx B.V

Part # M58LR128KT
Description  128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58LR128KT Datasheet(HTML) 9 Page - Numonyx B.V

Back Button M58LR128KT Datasheet HTML 5Page - Numonyx B.V M58LR128KT Datasheet HTML 6Page - Numonyx B.V M58LR128KT Datasheet HTML 7Page - Numonyx B.V M58LR128KT Datasheet HTML 8Page - Numonyx B.V M58LR128KT Datasheet HTML 9Page - Numonyx B.V M58LR128KT Datasheet HTML 10Page - Numonyx B.V M58LR128KT Datasheet HTML 11Page - Numonyx B.V M58LR128KT Datasheet HTML 12Page - Numonyx B.V M58LR128KT Datasheet HTML 13Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 110 page
background image
M58LR128KT, M58LR128KB, M58LR256KT, M58LR256KB
Description
9/111
The device includes 17 Protection Registers and 2 Protection Register locks, one for the first
Protection Register and the other for the 16 one-time-programmable (OTP) Protection
Registers of 128 bits each. The first Protection Register is divided into two segments: a 64
bit segment containing a unique device number written by Numonyx, and a 64 bit segment
OTP by the user. The user programmable segment can be permanently protected. Figure 4,
shows the Protection Register memory map.
The M58LRxxxKT/B are only available as part of a multichip package. The devices are
supplied with all the bits erased (set to ’1’).


Similar Part No. - M58LR128KT

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KC765 NUMONYX-M58LR128KC765 Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KC785 NUMONYX-M58LR128KC785 Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KD NUMONYX-M58LR128KD Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KD765 NUMONYX-M58LR128KD765 Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
More results

Similar Description - M58LR128KT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58PR256LE STMICROELECTRONICS-M58PR256LE Datasheet
939Kb / 119P
   256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58LT256JST NUMONYX-M58LT256JST Datasheet
1Mb / 108P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
STMicroelectronics
M58LT256JST STMICROELECTRONICS-M58LT256JST Datasheet
836Kb / 106P
   256 Mbit (16 Mb 횞 16, multiple bank, multilevel, burst) 1.8 V supply, secure Flash memories
logo
Numonyx B.V
M36P0R8070E0 NUMONYX-M36P0R8070E0 Datasheet
638Kb / 22P
   256 Mbit (x16, multiple bank, multilevel, burst) Flash memory 128 Mbit (burst) PSRAM, 1.8 V supply, multichip package
logo
STMicroelectronics
M58WR016KU STMICROELECTRONICS-M58WR016KU Datasheet
80Kb / 10P
   16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com