Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S506-4A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S506-4A
Description  5mm x 20mm Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S506-4A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S506-4A Datasheet HTML 1Page - List of Unclassifed Manufacturers S506-4A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Time delay, low breaking capacity
• Optional axial leads available
• 5mm x 20mm physical size
• Glass tube, nickel-plated brass endcap construction
• Designed to IEC 60127-2 (32mA-10A)
Agency Information
• UL Recognized Card: (32mA-10A) Guide JDYX2,
File E19180
• CSA Component Acceptance: File 53787
• cURus Recognition: Guide JDYX8, File E19180
• Semko Approval, 32mA-10A
• VDE Approval, 32mA-10A
• BSI Approval, 32mA-10A
• IMQ Approval, 32mA-10A
• MITI Approval, 32mA-10A
Ordering
• Specify packaging, product, and option code
• For -R option, drop mA or A from product code
(i.e. S506-2-R)
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05mm
Dimensions
Drawing Not to Scale
SPECIFICATIONS
Voltage
Interrupting Rating
Typical DC
Minimum
Maximum
Product Code
Rating
at Rated Voltage (50Hz)
Cold Resistance
Pre-Arching I2t
Voltage
AC
AC
(ohms)*
(A2Sec) AC†
Drop (mV)‡
S506-32mA
250V
35A
21.7
0.0014
1050
S506-40mA
250V
35A
14.2
0.0034
920
S506-50mA
250V
35A
9.5
0.006
800
S506-63mA
250V
35A
7.1
0.012
760
S506-80mA
250V
35A
4.5
0.015
580
S506-100mA
250V
35A
2.8
0.022
490
S506-125mA
250V
35A
2.0
0.034
390
S506-160mA
250V
35A
1.3
0.052
320
S506-200mA
250V
35A
1.0
0.078
340
S506-250mA
250V
35A
0.66
0.17
270
S506-315mA
250V
35A
0.46
0.41
250
S506-400mA
250V
35A
0.37
0.61
210
S506-500mA
250V
35A
0.268
0.67
190
S506-630mA
250V
35A
0.191
1.0
170
S506-800mA
250V
35A
0.131
2.2
150
S506-1A
250V
35A
0.064
2.7
90
S506-1.25A
250V
35A
0.046
6.7
85
S506-1.6A
250V
35A
0.039
9.7
85
S506-2A
250V
35A
0.029
15
85
S506-2.5A
250V
35A
0.024
25
85
S506-3.15A
250V
35A
0.018
51
80
S506-4A
250V
40A
0.013
88
80
S506-5A
250V
50A
0.010
150
75
S506-6.3A
250V
63A
0.009
214
75
S506-8A
250V
80A
0.007
192
80
S506-10A
250V
100A
0.005
420
75
S506-12.5A
250V
125A
0.004
812
75
*
DC Cold Resistance (Measured at <10% of rated current)
† Minimum Pre-Arching I2t (Measured at 10 In and rated voltage)
‡ Maximum Voltage Drop (Voltage drop was measured at 20°C ambient temperature at rated current)
S506 ELECTRICAL CHARACTERISTICS
2.1 In
2.75 In
4 In
10 In
In
max
min
max
min
max
min
max
32mA-100mA
2 min
200 ms 10 sec
40 ms
3 sec
10 ms 300 ms
125mA-6.3A
2 min
600 ms 10 sec 150 ms
3 sec
20 ms 300 ms
8A-12.5A
2 min
600 ms 10 sec 150 ms
3 sec
20 ms 300 ms
5mm x 20mm Fuses
S506 Series, Time Delay, Glass Tube
RoHS
2002/95/EC


Similar Part No. - S506-4A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
   5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
S506-4-R COOPER-S506-4-R Datasheet
304Kb / 2P
   5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
logo
Eaton All Rights Reserv...
S506-4-R EATON-S506-4-R Datasheet
489Kb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
logo
Cooper Bussmann, Inc.
S506-40-R COOPER-S506-40-R Datasheet
304Kb / 2P
   5 x 20mm Fuses S506 Series, Time-Delay, Glass Tube
logo
Eaton All Rights Reserv...
S506-40-R EATON-S506-40-R Datasheet
489Kb / 2P
   5 mm x 20 mm Time-delay glass tube fuses
More results

Similar Description - S506-4A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
GMD-125MA COOPER-GMD-125MA Datasheet
82Kb / 2P
   5mm x 20mm Fuses
GMD-125-R COOPER-GMD-125-R Datasheet
447Kb / 2P
   5 x 20mm Fuses
S500-32-R COOPER-S500-32-R Datasheet
267Kb / 2P
   5 x 20mm Fuses
HTC-45M COOPER-HTC-45M Datasheet
58Kb / 1P
   5mm x 20mm Fuseholders
S501-2-R COOPER-S501-2-R Datasheet
102Kb / 2P
   5mm x 20mm Fuses S501 Series, Fast Acting, Ceramic Tube
HTC-10M COOPER-HTC-10M Datasheet
68Kb / 1P
   For 5 x 20mm Fuses
logo
LUMEX INC.
SSB-LX2450YW LUMEX-SSB-LX2450YW Datasheet
133Kb / 1P
   5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550GD LUMEX-SSB-LX2550GD Datasheet
130Kb / 1P
   5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGD LUMEX-SSB-LX2550SGD Datasheet
53Kb / 1P
   5mm X 20mm 4 CHIP LIGHT BAR
SSB-LX2550SGW LUMEX-SSB-LX2550SGW Datasheet
53Kb / 1P
   5mm X 20mm 4 CHIP LIGHT BAR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com