Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR064HB70ZB6E Datasheet(PDF) 8 Page - Numonyx B.V

Part # M58WR064HB70ZB6E
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M58WR064HB70ZB6E Datasheet(HTML) 8 Page - Numonyx B.V

Back Button M58WR064HB70ZB6E Datasheet HTML 4Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 5Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 6Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 7Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 8Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 9Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 10Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 11Page - Numonyx B.V M58WR064HB70ZB6E Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
Summary description
M58WR064HT, M58WR064HB
8/111
1
Summary description
The M58WR064HT/B are 64 Mbit (4Mbit x16) non-volatile Flash memories. They may be
erased electrically at block level and programmed in-system on a Word-by-Word basis using
a 1.7V to 2V VDD supply for the circuitry and a 1.7V to 2.24V VDDQ supply for the
Input/Output pins. An optional 12V VPP power supply is provided to speed up customer
programming.
The device features an asymmetrical block architecture.
The M58WR064HT/B has an array of 135 blocks, and is divided into 4 Mbit banks. There are
15 banks each containing 8 main blocks of 32 KWords, and one parameter bank containing
8 parameter blocks of 4 KWords and 7 main blocks of 32 KWords.
The Multiple Bank Architecture allows Dual Operations, while programming or erasing in
one bank, Read operations are possible in other banks. Only one bank at a time is allowed
to be in Program or Erase mode. It is possible to perform burst reads that cross bank
boundaries. The bank architecture is summarized in Table 2 and the memory map is shown
in Figure 3. The Parameter Blocks are located at the top of the memory address space for
the M58WR064HT, and at the bottom for the M58WR064HB.
Each block can be erased separately. Erase can be suspended, in order to perform program
in any other block, and then resumed. Program can be suspended to read data in any other
block and then resumed. Each block can be programmed and erased over 100,000 cycles
using the supply voltage VDD. There are two Enhanced Factory programming commands
available to speed up programming.
Program and Erase commands are written to the Command Interface of the memory. An
internal Program/Erase Controller takes care of the timings necessary for program and
erase operations. The end of a program or erase operation can be detected and any error
conditions identified in the Status Register. The command set required to control the
memory is consistent with JEDEC standards.
The device supports Synchronous Burst Read and Asynchronous Read from all blocks of
the memory array; at power-up the device is configured for Asynchronous Read. In
Synchronous Burst mode, data is output on each clock cycle at frequencies of up to 66MHz.
The Synchronous Burst Read operation can be suspended and resumed.
The device features an Automatic Standby mode. When the bus is inactive during
Asynchronous Read operations, the device automatically switches to the Automatic Standby
mode. In this condition the power consumption is reduced to the standby value IDD4 and the
outputs are still driven.
The M58WR064HT/B features an instant, individual block locking scheme that allows any
block to be locked or unlocked with no latency, enabling instant code and data protection. All
blocks have three levels of protection. They can be locked and locked-down individually
preventing any accidental programming or erasure. There is an additional hardware
protection against program and erase. When VPP ≤VPPLK all blocks are protected against
program or erase. All blocks are locked at Power- Up.
The device includes a Protection Register to increase the protection of a system’s design.
The Protection Register is divided into two segments: a 64 bit segment containing a unique
device number written by Numonyx, and a 128 bit segment One-Time-Programmable (OTP)
by the user. The user programmable segment can be permanently protected. Figure 4
shows the Protection Register Memory Map.


Similar Part No. - M58WR064HB70ZB6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR064HL NUMONYX-M58WR064HL Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6E NUMONYX-M58WR064HL70ZB6E Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HL70ZB6U NUMONYX-M58WR064HL70ZB6U Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR064HU70ZB6E NUMONYX-M58WR064HU70ZB6E Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results

Similar Description - M58WR064HB70ZB6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
M58MR064C STMICROELECTRONICS-M58MR064C Datasheet
399Kb / 52P
   64 Mbit 4Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
   128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
   64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
logo
Numonyx B.V
M29DW641F NUMONYX-M29DW641F Datasheet
1Mb / 80P
   64 Mbit (4Mb x16, Multiple Bank, Page, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com