Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1016EA-125LJ44 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # ISPLSI1016EA-125LJ44
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1016EA-125LJ44 Datasheet(HTML) 2 Page - Lattice Semiconductor

  ISPLSI1016EA-125LJ44 Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1016EA-125LJ44 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Specifications ispLSI 1016EA
Functional Block Diagram
Figure 1. ispLSI 1016EA Functional Block Diagram
The device also has 32 I/O cells, each of which is directly
connected to an I/O pin. Each I/O cell can be individually
programmed to be a combinatorial input, registered
input, latched input, output or bi-directional
I/O pin with 3-state control. The signal levels are TTL
compatible voltages and the output drivers can source
2 mA or sink 8 mA. Each output can be programmed
independently for fast or slow output slew rate to mini-
mize overall output switching noise. By connecting the
VCCIO pin to a common 5V or 3.3V power supply, I/O
output levels can be matched to 5V or 3.3V-compatible
voltages.
Eight GLBs, 16 I/O cells, a dedicated input (if available)
and one ORP are connected together to make a
Megablock (see Figure 1). The outputs of the eight GLBs
are connected to a set of 16 universal I/O cells by the
ORP. Each ispLSI 1016EA device contains two
Megablocks.
The GRP has, as its inputs, the outputs from all of the
GLBs and all of the inputs from the bi-directional I/O cells.
All of these signals are made available to the inputs of the
GLBs. Delays through the GRP have been equalized to
minimize timing skew.
Clocks in the ispLSI 1016EA device are selected using
the Clock Distribution Network. Two dedicated clock pins
(Y0 and Y1) are brought into the distribution network, and
five clock outputs (CLK 0, CLK 1, CLK 2, IOCLK 0 and
IOCLK 1) are provided to route clocks to the GLBs and
I/O cells. The Clock Distribution Network can also be
driven from a special clock GLB (B0 on the ispLSI
1016EA device). The logic of this GLB allows the user to
create an internal clock from a combination of internal
signals within the device.
Programmable Open-Drain Outputs
In addition to the standard output configuration, the
outputs of the ispLSI 1016EA are individually program-
mable, either as a standard totem-pole output or an
open-drain output. The totem-pole output drives the
specified Voh and Vol levels, whereas the open-drain
output drives only the specified Vol. The Voh level on the
open-drain output depends on the external loading and
pull-up. This output configuration is controlled by a pro-
grammable fuse. The default configuration when the
device is in bulk erased state is totem-pole configuration.
The open-drain/totem-pole option is selectable through
the Lattice software tools.
I/O 0
I/O 1
I/O 2
I/O 3
GOE 0
I/O 6
I/O 7
I/O 8
I/O 9
I/O 10
I/O 11
I/O 12
I/O 13
I/O 14
I/O 15
I/O 31
I/O 30
I/O 29
I/O 28
I/O 27
I/O 26
I/O 25
I/O 24
I/O 23
I/O 22
I/O 21
I/O 20
I/O 19
I/O 18
I/O 17
I/O 16
TDI
TDO
TMS
TCK
I/O 4
I/O 5
VCCIO
Global
Routing
Pool
(GRP)
CLK 0
CLK 1
CLK 2
IOCLK 0
IOCLK 1
Clock
Distribution
Network
A0
A1
A2
A3
A4
A5
A6
A7
B7
B6
B5
B4
B3
B2
B1
B0
Generic
Logic Blocks
(GLBs)
Megablock
*Note: Y1 and
RESET are multiplexed on the same pin
0139/1016EA


Similar Part No. - ISPLSI1016EA-125LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016EA-125LJ44 LATTICE-ISPLSI1016EA-125LJ44 Datasheet
163Kb / 13P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1016EA-125LJ44

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com