Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK5003DPD-00-Q2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK5003DPD-00-Q2
Description  Silicon N Channel Power MOS FET High Speed Power Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK5003DPD-00-Q2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK5003DPD-00-Q2 Datasheet HTML 1Page - Renesas Technology Corp RJK5003DPD-00-Q2 Datasheet HTML 2Page - Renesas Technology Corp RJK5003DPD-00-Q2 Datasheet HTML 3Page - Renesas Technology Corp RJK5003DPD-00-Q2 Datasheet HTML 4Page - Renesas Technology Corp RJK5003DPD-00-Q2 Datasheet HTML 5Page - Renesas Technology Corp RJK5003DPD-00-Q2 Datasheet HTML 6Page - Renesas Technology Corp RJK5003DPD-00-Q2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK5003DPD
Rev.2.00,
Mar 14, 2006,
page 2 of 6
Electrical Characteristics
(Tch = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
500
V
ID = 1 mA, VGS = 0 V
Zero gate voltage drain current
IDSS
1
mA
VDS = 500 V, VGS = 0 V
Gate to source leak current
IGSS
±0.1
µA
VGS =
±25 V, VDS = 0 V
Gate to source cutoff voltage
VGS(off)
3.0
3.5
4.0
V
ID = 1 mA, VDS = 10 V
Static drain to source on state
resistance
RDS(on)
1.3
1.5
ID= 2 A, VGS = 10 V
Note2
Input capacitance
Ciss
550
pF
Output capacitance
Coss
60
pF
Reverse transfer capacitance
Crss
10
pF
VDS = 25 V, VGS= 0 V,
f = 1 MHz
Turn-on delay time
td(on)
20
ns
Rise time
tr
20
ns
Turn-off delay time
td(off)
60
ns
Fall time
tf
25
ns
VDD = 200 V, ID = 2 A,
VGS = 10 V
RG = 25
Body-drain diode forward voltage
VDF
1.0
1.5
V
IF = 2 A, VGS = 0 V
Note2
Note:
2. Pulse test


Similar Part No. - RJK5003DPD-00-Q2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD-00-J2 RENESAS-RJK5003DPD-00-J2 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
More results

Similar Description - RJK5003DPD-00-Q2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5003DPD RENESAS-RJK5003DPD_15 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK5003DPD RENESAS-RJK5003DPD_10 Datasheet
97Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
HAT2038R RENESAS-HAT2038R_15 Datasheet
248Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching Use
RJK0629DPK RENESAS-RJK0629DPK Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPN RENESAS-RJK0629DPN Datasheet
115Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
RJK0629DPE RENESAS-RJK0629DPE Datasheet
119Kb / 7P
   N Channel Power MOS FET High-Speed Switching Use
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R_15 Datasheet
249Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com