Electronic Components Datasheet Search |
|
RCD-24 Datasheet(PDF) 2 Page - Recom International Power |
|
RCD-24 Datasheet(HTML) 2 Page - Recom International Power |
2 / 4 page 138 www.recom-electronic.com 2008 INNOLINE DC/DC-Converter RCD-24 Series Specifications -Continued PWM Dimming and ON/OFF Control (Leave open if not used) Remote ON/OFF DC/DC ON Open or 0V<Vr<0.6V DC/DC OFF (Standby) 0.6<Vr<2.9V DC/DC OFF (Shutdown) 2.9V<Vr<6V Remote Pin Drive Current Vr=5V 1mA max. Quiescent Input Current in Shutdown Mode Vin=36V, Vr>2.9V 200μA max. Maximum PWM Frequency for Linear Operation (measured 10%~90% Dimming) 200Hz Analogue Dimming Control (leave open if not used) Input Voltage Range 0 - 15V Control Voltage Range Limits Full On 0.13V ± 50mV (see Graph) Full Off 4.5V ± 50mV Analogue Pin Drive Current Vc=5V 0.2mA max. Environmental Relative Humidity 5% to 95% RH, non-condensing Conducted Emissions (all series, see note) EN55022 Class B Radiated Emissions (all series except 700mA) EN55022 Class B ESD (all series) EN61000-4-2 Class A Radiated Immunity (all series) EN61000-4-3 Class A Fast Transient (all series) EN61000-4-4 Class A Conducted Immunity (all series) EN61000-4-6 Class A MTBF (RCD-24-0.70, Nominal Vin, Full Load) +25°C 605 x 10³ hours using MIL-HDBK 217F +71°C 516 x 10³ hours Note: Requires an input filter to meet EN55022 ClassB conducted emissions, see below. 100 20 10 Output Voltage (V) 50 30 0 Vin = 24V, Iout = 300-700mA 100 20 10 Output Voltage (V) 50 30 0 Vin = 32V, Iout = 300-700mA Class B Filter Suggestion RCD-24-xxx LED Driver 2.5µF Elect. -Vin -LED +LED 4 5 6 +Vin 47µH (not dimmed) or 120µH (dimmed) 1 10nF Cer. 10nF, Cer. (only if Analogue Dimming is used) 2 10nF, Cer. (only if Analogue Dimming is not used) C1 or C2 |
Similar Part No. - RCD-24 |
|
Similar Description - RCD-24 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |