Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD-24-0.30 Datasheet(PDF) 2 Page - Recom International Power

Part # RCD-24-0.30
Description  Constant Current Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-0.30 Datasheet(HTML) 2 Page - Recom International Power

  RCD-24-0.30 Datasheet HTML 1Page - Recom International Power RCD-24-0.30 Datasheet HTML 2Page - Recom International Power RCD-24-0.30 Datasheet HTML 3Page - Recom International Power RCD-24-0.30 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
138
www.recom-electronic.com
2008
INNOLINE
DC/DC-Converter
RCD-24
Series
Specifications -Continued
PWM Dimming and ON/OFF Control (Leave open if not used)
Remote ON/OFF
DC/DC ON
Open or 0V<Vr<0.6V
DC/DC OFF (Standby)
0.6<Vr<2.9V
DC/DC OFF (Shutdown)
2.9V<Vr<6V
Remote Pin Drive Current
Vr=5V
1mA max.
Quiescent Input Current in Shutdown Mode
Vin=36V, Vr>2.9V
200μA max.
Maximum PWM Frequency for Linear Operation (measured 10%~90% Dimming)
200Hz
Analogue Dimming Control (leave open if not used)
Input Voltage Range
0 - 15V
Control Voltage Range Limits
Full On
0.13V ± 50mV
(see Graph)
Full Off
4.5V ± 50mV
Analogue Pin Drive Current
Vc=5V
0.2mA max.
Environmental
Relative Humidity
5% to 95% RH, non-condensing
Conducted Emissions
(all series, see note)
EN55022
Class B
Radiated Emissions
(all series except 700mA)
EN55022
Class B
ESD
(all series)
EN61000-4-2
Class A
Radiated Immunity
(all series)
EN61000-4-3
Class A
Fast Transient
(all series)
EN61000-4-4
Class A
Conducted Immunity
(all series)
EN61000-4-6
Class A
MTBF (RCD-24-0.70, Nominal Vin, Full Load)
+25°C
605 x 10³ hours
using MIL-HDBK 217F
+71°C
516 x 10³ hours
Note: Requires an input filter to meet EN55022 ClassB conducted emissions, see below.
100
20
10
Output Voltage (V)
50
30
0
Vin = 24V, Iout = 300-700mA
100
20
10
Output Voltage (V)
50
30
0
Vin = 32V, Iout = 300-700mA
Class B Filter Suggestion
RCD-24-xxx
LED Driver
2.5µF
Elect.
-Vin
-LED
+LED
4
5
6
+Vin
47µH (not dimmed)
or
120µH (dimmed)
1
10nF
Cer.
10nF, Cer.
(only if Analogue Dimming is used)
2
10nF, Cer.
(only if Analogue Dimming is not used)
C1 or C2


Similar Part No. - RCD-24-0.30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
358Kb / 6P
   Constant Current LED Driver
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
RCD-24-0.30-PL RECOM-RCD-24-0.30-PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30/PL RECOM-RCD-24-0.30/PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30PL RECOM-RCD-24-0.30PL Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
More results

Similar Description - RCD-24-0.30

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com