Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD-24-0.35 Datasheet(PDF) 1 Page - Recom International Power

Part # RCD-24-0.35
Description  Constant Current Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-0.35 Datasheet(HTML) 1 Page - Recom International Power

  RCD-24-0.35 Datasheet HTML 1Page - Recom International Power RCD-24-0.35 Datasheet HTML 2Page - Recom International Power RCD-24-0.35 Datasheet HTML 3Page - Recom International Power RCD-24-0.35 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-international.com
137
2008
Constant
Current
Single Output
INNOLINE
DC/DC-Converter
RCD-24
Series
Constant Current Output
Power LED Driver
Wide Input Voltage Range
PWM/Digital Dimming and Analogue
Voltage Dimming
Short Circuit Protected
96% Efficiency
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Dimming
Efficiency
Number
Range
Current
Voltage
Control
max.
(VDC)
(mA)
(V)
(%)
RCD-24-0.30
4.5-36V
0-300
2-32
Digital + Analogue
96
RCD-24-0.35
4.5-36V
0-350
2-32
Digital + Analogue
96
RCD-24-0.50
4.5-36V
0-500
2-32
Digital + Analogue
96
RCD-24-0.60
4.5-36V
0-600
2-32
Digital + Analogue
96
RCD-24-0.70
4.5-36V
0-700
2-32
Digital + Analogue
96
Input Voltage (absolute maximum)
36VDC max.
Recommended Input Voltage
5V min. / 24V typ. / 36VDC max.
Input Filter
Capacitor
Output Voltage Range
Vin=36V
2V min. / 32V max.
Output Current Range
Vin - Vout >1.5~4V
300mA-700mA
Output Current Accuracy
300mA-700mA
±2% typ.
Internal Power Dissipation
Load of 5 LEDs
700mW
Output Current Stability
Vin=36V, Vout =2~32V
±1% max
Output Ripple and Noise (20MHz limited)
Vin=36V, Vout =2~32V
120mVp-p max
Temperature Coefficient
-40~+85°C ambient
±0.015%/°C max.
Maximum Capacitive Load
100μF
Operating Frequency
210 kHz min/ 260kHz typ./ 300kHz max
Efficiency at Full Load
96% max.
Short Circuit Protection
Regulated at rated output current
Operating Temperature Range
300mA/350mA
-40°C to +85°C
(free air convection)
500mA
-40°C to +80°C
600mA
-40°C to +75°C
700mA
-40°C to +71°C
Storage Temperature Range
-55°C to +125°C
Maximum Case Temperature
100°C
Thermal Impedance
Natural Convection
55°C/Watt
Case Material
Non Conductive Black Plastic
Potting Material
Epoxy (UL94-V0)
Dimensions
22.1 x 12.6 x 8.5mm
Weight
4.5g
Wave Soldering Profile
Max. 265°C/10 sec.
continued on next page
Specifications
( typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Description
The RCD series is a step-down constant current source designed for driving high power white LEDs. Standard output
currents available are 300mA, 350mA, 500mA, 600mA and 700mA to make this driver compatible with a wide range
of LEDs from many different manufacturers without the need for any external components. Despite its compact size,
the RCD series is fully featured with very high efficiency, wide input voltage range, high ambient operating temperature
and two means of LED dimming: PWM/digital control and analogue voltage dimming. Both dimming controls are inde-
pendent and can be combined. The driver is also designed to be as reliable as the LEDs it is driving, even at the full
operating temperature of 85°C.
Rev.1
Derating Graph
(Ambient Temperature)
700
60
20 40
100
300
Ambient Temperature (°C)
0
80
-20
-40
Natural Convection
350
600
500
71
75
80
85
RCD-24-0.35/0.70


Similar Part No. - RCD-24-0.35

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24-0.35 RECOM-RCD-24-0.35 Datasheet
358Kb / 6P
   Constant Current LED Driver
RCD-24-0.35 RECOM-RCD-24-0.35 Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
RCD-24-0.35/PL RECOM-RCD-24-0.35/PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.35PL RECOM-RCD-24-0.35PL Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
More results

Similar Description - RCD-24-0.35

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com