Electronic Components Datasheet Search |
|
RCD-24-035 Datasheet(PDF) 1 Page - Recom International Power |
|
RCD-24-035 Datasheet(HTML) 1 Page - Recom International Power |
1 / 4 page www.recom-international.com 137 2008 Constant Current Single Output INNOLINE DC/DC-Converter RCD-24 Series ● Constant Current Output ● Power LED Driver ● Wide Input Voltage Range ● PWM/Digital Dimming and Analogue Voltage Dimming ● Short Circuit Protected ● 96% Efficiency Features Regulated Converters Selection Guide Part Input Output Output Dimming Efficiency Number Range Current Voltage Control max. (VDC) (mA) (V) (%) RCD-24-0.30 4.5-36V 0-300 2-32 Digital + Analogue 96 RCD-24-0.35 4.5-36V 0-350 2-32 Digital + Analogue 96 RCD-24-0.50 4.5-36V 0-500 2-32 Digital + Analogue 96 RCD-24-0.60 4.5-36V 0-600 2-32 Digital + Analogue 96 RCD-24-0.70 4.5-36V 0-700 2-32 Digital + Analogue 96 Input Voltage (absolute maximum) 36VDC max. Recommended Input Voltage 5V min. / 24V typ. / 36VDC max. Input Filter Capacitor Output Voltage Range Vin=36V 2V min. / 32V max. Output Current Range Vin - Vout >1.5~4V 300mA-700mA Output Current Accuracy 300mA-700mA ±2% typ. Internal Power Dissipation Load of 5 LEDs 700mW Output Current Stability Vin=36V, Vout =2~32V ±1% max Output Ripple and Noise (20MHz limited) Vin=36V, Vout =2~32V 120mVp-p max Temperature Coefficient -40~+85°C ambient ±0.015%/°C max. Maximum Capacitive Load 100μF Operating Frequency 210 kHz min/ 260kHz typ./ 300kHz max Efficiency at Full Load 96% max. Short Circuit Protection Regulated at rated output current Operating Temperature Range 300mA/350mA -40°C to +85°C (free air convection) 500mA -40°C to +80°C 600mA -40°C to +75°C 700mA -40°C to +71°C Storage Temperature Range -55°C to +125°C Maximum Case Temperature 100°C Thermal Impedance Natural Convection 55°C/Watt Case Material Non Conductive Black Plastic Potting Material Epoxy (UL94-V0) Dimensions 22.1 x 12.6 x 8.5mm Weight 4.5g Wave Soldering Profile Max. 265°C/10 sec. continued on next page Specifications ( typical at 25°C, nominal input voltage, rated output current unless otherwise specified ) Description The RCD series is a step-down constant current source designed for driving high power white LEDs. Standard output currents available are 300mA, 350mA, 500mA, 600mA and 700mA to make this driver compatible with a wide range of LEDs from many different manufacturers without the need for any external components. Despite its compact size, the RCD series is fully featured with very high efficiency, wide input voltage range, high ambient operating temperature and two means of LED dimming: PWM/digital control and analogue voltage dimming. Both dimming controls are inde- pendent and can be combined. The driver is also designed to be as reliable as the LEDs it is driving, even at the full operating temperature of 85°C. Rev.1 Derating Graph (Ambient Temperature) 700 60 20 40 100 300 Ambient Temperature (°C) 0 80 -20 -40 Natural Convection 350 600 500 71 75 80 85 RCD-24-0.35/0.70 |
Similar Part No. - RCD-24-035 |
|
Similar Description - RCD-24-035 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |