Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD-24-035 Datasheet(PDF) 4 Page - Recom International Power

Part # RCD-24-035
Description  Constant Current Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-035 Datasheet(HTML) 4 Page - Recom International Power

  RCD-24-035 Datasheet HTML 1Page - Recom International Power RCD-24-035 Datasheet HTML 2Page - Recom International Power RCD-24-035 Datasheet HTML 3Page - Recom International Power RCD-24-035 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
140
www.recom-electronic.com
2008
INNOLINE
DC/DC-Converter
RCD-24
Series
Bottom View
Top View
6
1
3
2
4
5
7.62
2.54
1.00ø+0.15/–0
0.6
8.50
12.55
4.1
2.54
17.5
22.10
Package Style and Pinning
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Tolerance ± 0.1 mm
Pin Connections
RCD-24 Series
Pin #
Out
Comments
1
+Vin
DC Supply
2
Analogue Dimming
Leave open if not used
3
PWM/ON/OFF
Leave open if not used
4
GND
Do not connect to -Vout
5
-Vout
LED Cathode Connection
6
+Vout
LED Anode Connection
Through Hole Case Style
Leave 1 mm space arround case on pcb
Recommended Footprint Details
Standard Application Circuits
+Vin
Analogue
Dim
RCD-24-xxx
PWM
Dim/
On/Off
LED DRIVER
GND
1st LED
Last LED
+Vin
Analogue
Dim
RCD-24-0.70
PWM
Dim/
On/Off
Driving Two Strings of 350mA LEDs with one 700mA Driver.
MULTIPLE LED DRIVER (up to 20 LEDS)
GND
0.5~1.0 Ohm
1st LED
Last LED


Similar Part No. - RCD-24-035

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
358Kb / 6P
   Constant Current LED Driver
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
RCD-24-0.30-PL RECOM-RCD-24-0.30-PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30/PL RECOM-RCD-24-0.30/PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30PL RECOM-RCD-24-0.30PL Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
More results

Similar Description - RCD-24-035

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com