Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QFMR5-434-128 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # QFMR5-434-128
Description  FM Radio Transmitter & Receiver Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

QFMR5-434-128 Datasheet(HTML) 2 Page - rfsolutions.ltd

  QFMR5-434-128 Datasheet HTML 1Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 2Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 3Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 4Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 5Page - rfsolutions.ltd QFMR5-434-128 Datasheet HTML 6Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FM Radio Transmitter & Receiver Modules
T5 / R5
DS305_2
April 01
©
©2001 REG No 277 4001, England.
Page 2
Connection Diagram
T5
1
2
3
4
5
Figure 1: Transmitter
Pin Description:
RF GND (pin 1)
RF ground pin, internally connected to pin 4 (0V).
This pin should ideally be connected to the
nearest ground plane (e.g. coax braid, main PCB
ground plane etc.)
RF OUT (pin2)
50
Ω RF antenna output. To achieve best results
the antenna impedance must match that of the
module.
VCC (pin 3)
+Ve supply pin (3.0 to 9.0 volts). The module will
generate RF when VCC is present. It is strongly
recommended that a 100nF capacitor decouples
the supply rail as close as possible to this pin.
GND (pin 4)
Supply and data ground connection, connected to
pin 1.
Data IN (pin 5)
This input has an impedance of 47K
Ω and should
ideally be driven by a CMOS logic drive or
compatible. The drive circuitry should be supplied
with the same supply voltage as the Tx module.
Ordering Information:
Part No
Description
QFMT5-434-5V
Transmitter 433.92MHz 5v
QFMT5-434-3V
Transmitter 433.92MHz 3v
QFMT5-434-128
Transmitter 433.92MHz 5v
128Kbps Data rate
Figure 2: Receiver
RF IN (pin 1)
50
RF input from antenna, connect using
shortest possible route. This input is isolated from
the internal circuit using the air gap of the front
end SAW RF filter
RF GND (pin 2)
RF ground connection, preferable connected to a
solid plane.
RSSI (pin 3)
The Received Signal Strength Indicator provides a
DC output voltage proportional to the RF input
signal.
The
amplitude
of
the
RSSI
voltage
increases with increasing RF signal strength.
GND (pin 4)
Connect to power supply ground.
VCC (pin 5)
+Ve supply pin. Operation from a 5V supply able
to source6mA at less than Vp-p ripple.
AF (pin 6)
Audio frequency output.
DATA OUT (pin 7)
CMOS compatible output. This may be used to
drive external decoders.
Part No
Description
QFMR5-434-15
Receiver 433.92MHz
15Kbps Data rate
QFMR5-434-50
Receiver 433.92MHz
50Kbps Data rate
QFMR5-434-128
Receiver 433.92MHz
128Kbps Data rate
Quasar
R 5
1
2
3 4 5 6 7


Similar Part No. - QFMR5-434-128

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
QFM VISHAY-QFM Datasheet
75Kb / 3P
   Thin Film, Top-Contact Resistor
Revision: 05-Apr-13
logo
List of Unclassifed Man...
QFM-0608-04 ETC-QFM-0608-04 Datasheet
1Mb / 12P
   iglide® Q
QFM-0810-05 ETC-QFM-0810-05 Datasheet
1Mb / 12P
   iglide® Q
QFM-0810-06 ETC-QFM-0810-06 Datasheet
1Mb / 12P
   iglide® Q
QFM-1012-06 ETC-QFM-1012-06 Datasheet
1Mb / 12P
   iglide® Q
More results

Similar Description - QFMR5-434-128

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com