Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT4450 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT4450
Description  SAW-based ASK/OOK Transmitter IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT4450 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT4450 Datasheet HTML 1Page - Princeton Technology Corp PT4450 Datasheet HTML 2Page - Princeton Technology Corp PT4450 Datasheet HTML 3Page - Princeton Technology Corp PT4450 Datasheet HTML 4Page - Princeton Technology Corp PT4450 Datasheet HTML 5Page - Princeton Technology Corp PT4450 Datasheet HTML 6Page - Princeton Technology Corp PT4450 Datasheet HTML 7Page - Princeton Technology Corp PT4450 Datasheet HTML 8Page - Princeton Technology Corp PT4450 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT4450 PRE1.0
- 5 -
August, 2007
SAW-based ASK/OOK Transmitter IC
Preliminary
PT4450
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, VDD=3.0V, VSS=0V, DIN=3.0V. Temp=27℃, fRF=434MHz)
Rating
Parameter
Symbol
Condition
Min. Typ. Max.
Unit
DC
Supply voltage
VDD
2.2
3.0
3.6
V
Operating current (Note)
IDD
DIN=High(CW mode);
POUT=10dBm
16
-
18
mA
Standby current
Istandby
DIN=Low; TDELAY>50ms
-
-
1
µA
RF
Frequency range
fRF
250
-
500
MHz
Power amplifier output power (Note)
Pout
-
+10
-
dBm
RF power on/off ratio
PEXT
-
50
-
dB
Phase noise
PNOISE
10KHz offset
-
-100
-
dBc/Hz
Harmonics (see Note)
PHARM
2x/3x fRF
-
-40
-
dBc
Data Input and One Shot
Data rate
DRATE
0.5
2
50
Kbps
Start up time
TON
-
-
200
µs
One shot delay time
TDELAY
50
-
-
ms
Note: Depend on power amplifier output matching.


Similar Part No. - PT4450

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4452 TI-PT4452 Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
logo
Princeton Technology Co...
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
PT4452-S PTC-PT4452-S Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
Texas Instruments
PT4452A TI-PT4452A Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
PT4452C TI-PT4452C Datasheet
112Kb / 4P
[Old version datasheet]   100-W 30-A Programmable Isolated DC/DC Converter
More results

Similar Description - PT4450

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT4455 PTC-PT4455 Datasheet
167Kb / 4P
   PLL-based OOK/ASK Transmitter IC
PT4452 PTC-PT4452 Datasheet
155Kb / 4P
   PLL-based OOK/ASK/FSK Transmitter IC
logo
Micrel Semiconductor
MICRF219A MICREL-MICRF219A Datasheet
722Kb / 23P
   ASK/OOK Receiver
logo
Analog Devices
ADF7012 AD-ADF7012 Datasheet
772Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. 0
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
logo
Princeton Technology Co...
PT4316 PTC-PT4316 Datasheet
490Kb / 27P
   Low Power 315/433 MHz OOK/ASK Superheterodyne Receiver with SAW-based Oscillator
logo
Silicon Storage Technol...
SSTX4915 SST-SSTX4915 Datasheet
556Kb / 9P
   LOW POWER ASK TRANSMITTER IC
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
   Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
Princeton Technology Co...
PT4318 PTC-PT4318 Datasheet
277Kb / 5P
   Low Power 315/433MHz OOK/ASK Super-heterodyne Receiver with SAW-Based Oscillator
logo
List of Unclassifed Man...
RFM84 ETC2-RFM84 Datasheet
151Kb / 3P
   ASK/OOK receive modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com