Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY203-16S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY203-16S
Description  Fast Avalanche Sinterglass Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY203-16S Datasheet(HTML) 2 Page - Vishay Siliconix

  BY203-16S Datasheet HTML 1Page - Vishay Siliconix BY203-16S Datasheet HTML 2Page - Vishay Siliconix BY203-16S Datasheet HTML 3Page - Vishay Siliconix BY203-16S Datasheet HTML 4Page - Vishay Siliconix BY203-16S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 86002
Rev. 1.7, 13-Apr-05
BY203-12S / 16S / 20S
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA, tp/T = 0.01,
tp = 0.3 ms
VF
2.4
V
Reverse current
VR = 700 V
BY203-12S
IR
2
µA
VR = 1000 V
BY203-16S
IR
2
µA
VR = 1200 V
BY203-20S
IR
2
µA
Breakdown voltage
IR = 100 µA, tp/T = 0.01,
tp = 0.3 ms
BY203-12S
V(BR)
1200
V
BY203-16S
V(BR)
1600
V
BY203-20S
V(BR)
2000
V
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0.25 A
trr
300
ns
Figure 1. Junction Temperature vs. Reverse/Repetitive Peak
Reverse Voltage
Figure 2. Forward Current vs. Forward Voltage
0
400
800
1200
0
VR,VRRM – Reverse / Repetitive Peak Reverse
Voltage ( V )
1600
94 9080
40
80
120
160
240
200
VR
VRRM
BY203/12
BY203/20
BY203/16
0.001
0.010
0.100
1.000
10.000
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VF – Forward Voltage(V)
16397
Tj=25°C
Tj=175°C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
30
60
90
120
150
Tamb – Ambient Temperature (°C )
16398
VR=VRRM
half sinewave
RthJA=45K/W
l=10mm
RthJA=100K/W
PCB: d=25mm
1
10
100
1000
25
50
75
100
125
150
Tj – Junction Temperature ( °C )
16399
VR =VRRM


Similar Part No. - BY203-16S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY203-16S VISHAY-BY203-16S Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203-16S VISHAY-BY203-16S Datasheet
113Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 30-Jul-10
BY203-16S VISHAY-BY203-16S Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY203-16S VISHAY-BY203-16S Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY203-16S VISHAY-BY203-16S Datasheet
125Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
More results

Similar Description - BY203-16S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY203-20STAP VISHAY-BY203-20STAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com