Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY54FCT573T Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CY54FCT573T
Description  8-BIT LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY54FCT573T Datasheet(HTML) 7 Page - Texas Instruments

Back Button CY54FCT573T Datasheet HTML 3Page - Texas Instruments CY54FCT573T Datasheet HTML 4Page - Texas Instruments CY54FCT573T Datasheet HTML 5Page - Texas Instruments CY54FCT573T Datasheet HTML 6Page - Texas Instruments CY54FCT573T Datasheet HTML 7Page - Texas Instruments CY54FCT573T Datasheet HTML 8Page - Texas Instruments CY54FCT573T Datasheet HTML 9Page - Texas Instruments CY54FCT573T Datasheet HTML 10Page - Texas Instruments CY54FCT573T Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY54FCT573T, CY74FCT573T
8-BIT LATCHES
WITH 3-STATE OUTPUTS
SCCS068 – OCTOBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
3 V
0 V
Input
Out-of-Phase
Output
In-Phase
Output
Timing Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈3.5 V
0 V
VOL + 0.3 V
≈0 V
3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
7 V
Open
TEST
S1
3 V
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. The outputs are measured one at a time with one input transition per measurement.
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR
3-STATE OUTPUTS
S1
7 V
500
GND
From Output
Under Test
CL = 50 pF
(see Note A)
Test
Point
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
Open
VOH – 0.3 V
500
500
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CY54FCT573T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT573TDMB TI-CY54FCT573TDMB Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - CY54FCT573T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS29845 TI1-SN74ALS29845 Datasheet
75Kb / 7P
[Old version datasheet]   8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com