Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY74FCT573ATSOC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CY74FCT573ATSOC
Description  8-BIT LATCHES WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT573ATSOC Datasheet(HTML) 6 Page - Texas Instruments

Back Button CY74FCT573ATSOC Datasheet HTML 2Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 3Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 4Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 5Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 6Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 7Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 8Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 9Page - Texas Instruments CY74FCT573ATSOC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CY54FCT573T, CY74FCT573T
8-BIT LATCHES
WITH 3-STATE OUTPUTS
SCCS068 – OCTOBER 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY54FCT573AT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
UNIT
tPLH
D
O
1.5
5.6
ns
tPHL
D
O
1.5
5.6
ns
tPLH
LE
O
2
9.8
ns
tPHL
LE
O
2
9.8
ns
tPZH
OE
O
1.5
7.5
ns
tPZL
OE
O
1.5
7.5
ns
tPHZ
OE
O
1.5
6.5
ns
tPLZ
OE
O
1.5
6.5
ns
switching characteristics over operating free-air temperature range (see Figure 1)
PARAMETER
FROM
TO
CY74FCT573T
CY74FCT573AT
CY74FCT573CT
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
D
O
1.5
8
1.5
5.2
1.5
4.7
ns
tPHL
D
O
1.5
8
1.5
5.2
1.5
4.7
ns
tPLH
LE
O
2
13
2
8.5
2
5.5
ns
tPHL
LE
O
2
13
2
8.5
2
5.5
ns
tPZH
OE
O
1.5
12
1.5
6.5
1.5
5.5
ns
tPZL
OE
O
1.5
12
1.5
6.5
1.5
5.5
ns
tPHZ
OE
O
1.5
7.5
1.5
5.5
1.5
5
ns
tPLZ
OE
O
1.5
7.5
1.5
5.5
1.5
5
ns


Similar Part No. - CY74FCT573ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT573ATSOC TI-CY74FCT573ATSOC Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT573ATSOC TI1-CY74FCT573ATSOC Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT573ATSOCT TI-CY74FCT573ATSOCT Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT573ATSOCT TI1-CY74FCT573ATSOCT Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT573ATSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY54FCT373T TI1-CY54FCT373T_14 Datasheet
686Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT573T TI1-CY54FCT573T_14 Datasheet
687Kb / 12P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY74FCT373T TI-CY74FCT373T Datasheet
111Kb / 8P
[Old version datasheet]   8-BIT LATCHES WITH 3-STATE OUTPUTS
CY54FCT841T TI1-CY54FCT841T_09 Datasheet
316Kb / 12P
[Old version datasheet]   10-BIT LATCHES WITH 3-STATE OUTPUTS
SN74ALS29845 TI1-SN74ALS29845 Datasheet
75Kb / 7P
[Old version datasheet]   8-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com