Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA6V1-5SC6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1-5SC6
Description  TRANSIL??ARRAY FOR ESD PROTECTION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5SC6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1-5SC6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5SC6 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ESDA6V1-5SC6
2/5
Table 2: Absolute Maximum Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
MIL STD 883E - Method 3015-7
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
25
20
15
kV
PPP
Peak pulse power (8/20µs)
100
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for
case
260
°C
Top
Operating temperature range (note 1)
-40 to +125
°C
Note 1: The evolution of the operating parameters versus temperature is given by curves and
αT parameter.
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Type
VBR @
IR
IRM @ VRM
Rd
αTC
VF @ IF
min.
max.
max.
typ.
max.
typ.
max.
note 2
note 3 0V bias
VV
mA
µA
V
m
10-4/°C
pF
V
mA
ESDA6V1-5SC6
6.1
7.2
1
1
3
590
6
50
1.25
200
Note 2: Square pulse, IPP = 15A, tp=2.5µs.
Note 3:
VBR = αT* (Tamb -25°C) * VBR (25°C).
Figure 3: Peak power dissipation versus initial
junction temperature
Figure 4: Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C)
P
[T initial] /
[T initial=25°C]
PP
j
j
PPP
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T initial (°C)
j
P
(W)
PP
1
10
100
10
100
1000
t (µs)
p
Vcl
VBR
VRM
Slope = 1/Rd
VF
IF
IRM
IPP
I
V


Similar Part No. - ESDA6V1-5SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
logo
Shanghai Leiditech Elec...
ESDA6V1-5SC6 LEIDITECH-ESDA6V1-5SC6 Datasheet
955Kb / 4P
   4-Line Bi-direction TVS Diode Array
Rev : 01.06.2014
logo
STMicroelectronics
ESDA6V1-5SC6Y STMICROELECTRONICS-ESDA6V1-5SC6Y Datasheet
708Kb / 12P
   Automotive-grade 5-line transient voltage suppressor (TVS)for ESD protection
May 2017 Rev 3
More results

Similar Description - ESDA6V1-5SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA6V1S3 STMICROELECTRONICS-ESDA6V1S3 Datasheet
65Kb / 7P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
   Transil array for ESD protection
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6 Datasheet
40Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
DSDA6V1-5P6 STMICROELECTRONICS-DSDA6V1-5P6 Datasheet
50Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDA6V1P6 STMICROELECTRONICS-ESDA6V1P6 Datasheet
210Kb / 8P
   QUAD TRANSIL??ARRAY FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com