Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB024Q Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90LVB024Q
Description  LVDS Dual 2x2 Crosspoint/Repeater Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB024Q Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LVB024Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB024Q Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PI90LV024, PI90LVB024
LVDS Dual 2x2 Crosspoint/Repeater Switch
5
PS8486B
08/19/04
Receiver / Driver Electrical Characteristics Over Recommended Operating Conditions
(unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max
Units
VOD
Differential Output Voltage Magnitude
RL = 100Ω
(LV024)
See Fig. 3
247
440
590
mV
∆VOD
Change in Differential Output Voltage Mag-
nitude between Logic States
-50
50
VOC(SS)
Steady-State Common-Mode Output Voltage
RL = 100Ω
(LVB024)
See Fig. 4
1.062
1.375
V
∆VOC(SS) Change in Steady-State Common-Mode
Output Voltage between Logic States
-50
3
50
mV
VOC(PP)
Peak-to-peak common-mode output voltage
150
ICC
Supply Current
No Load
16
24
mA
RL = 100Ω (LV024)
26
40
RL = 50Ω (LVB024)
42
54
Both Channels Disabled
6
12
IH
High-Level Input Current
DE
VIH = 5V
40
nA
S1, S2, S3, S4
-3
µA
IL
Low-Level Input Current
DE
VIL = 0.8V
-20
nA
S1, S2, S3, S4
10
µA
IOS
Short Circuit Output Current
VOY or VOZ = 0V
-10
mA
VOD = 0V
-10
IOZ
High-Impedance Output Current
VOD = 600mV
1.5
±25
nA
VO - 0V or VCC
1.5
±25
IO(OFF)
Power-Off Output Current
VCC - 0V, VO = 3.6V
1.5
±40
CIN
Input Capacitance
3
pF
S0 - S3, 1DE - 4DE
8
Note:
1. All typical values are at 25°C and with a 3.3V supply


Similar Part No. - PI90LVB024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB024Q PERICOM-PI90LVB024Q Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results

Similar Description - PI90LVB024Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com