Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT3805DQE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT3805DQE
Description  3.3V, 2 x 1:5 CMOS Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3805DQE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT3805DQE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI49FCT3805DQE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8492C
09/08/04
PI49FCT3805D/E
3.3V, 2 x 1:5 CMOS Clock Driver
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2.
Typical values are at VCC = 3.3V, +25°C ambient.
3.
Per TTL driven input (VIN = VCC – 0.6V); all other inputs at VCC or GND.
Note:
1.
This parameter is determined by device characterization but is not production tested.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
3.0
4
pF
COUT
Output Capacitance
VOUT = 0V
6
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ. (2) Max. Units
ICC
Quiescent Power
Supply Current
VCC = Max.
VIN = GND or VDD
0.1
30
µA
IDD
Dynamic Supply
Current per Output
VCC = 3.6V,
CL = 15pF,
All Outputs Toggling
80
120
IC
Total Power Supply
Current
VCC = 3.6V,
CL = 15pF,
All Outputs Toggling,
fi = 133 MHz
VIN = VCC or GND
100
135
mA/
MHz
VIN = VCC -0.6V or GND
100
135
VCC = 3.6V,
CL = 15pF,
All Outputs Toggling,
fi = 166 MHz
VIN = VCC or GND
120
160
VIN = VCC -0.6V or GND
120
160
∆ICC
Supply Current per
inputs @ TTL High
VCC = Max.
VIN = VCC -0.6V(3)
45
300
µA


Similar Part No. - PI49FCT3805DQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3805DQE PERICOM-PI49FCT3805DQE Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
More results

Similar Description - PI49FCT3805DQE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32806 PERICOM-PI49FCT32806 Datasheet
214Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
   3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
   3.3V, 2 x 1:5 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
   3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
   3.3V 1:5 CMOS Clock Buffered Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com