Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL-1283-330 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RL-1283-330
Description  POWER LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL-1283-330 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RL-1283-330 Datasheet HTML 1Page - List of Unclassifed Manufacturers RL-1283-330 Datasheet HTML 2Page - List of Unclassifed Manufacturers RL-1283-330 Datasheet HTML 3Page - List of Unclassifed Manufacturers RL-1283-330 Datasheet HTML 4Page - List of Unclassifed Manufacturers RL-1283-330 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RENCO ELECTRONICS, INC.
595 International Place, Rockledge, FL 32955-4200 USA
(321) 637-1000 • Toll Free Engineering Hot line 800-645-5828
SINCE 1955
Fax: (321) 637-1600
Web Site:www.rencousa.com
E-mail:sales@rencousa.com
15
RL-1283
Inductance
Max. DCR
Saturation
Suggested
at 0 DC (
µH)
(Ohms)
Current
Rated
@+20
°C
(DC Amps)
Current
(Amps)
Renco Part No.
RL-1283-3.9
3.9
.007
15.5
4.0
RL-1283-4.7
4.7
.008
13.9
4.0
RL-1283-5.6
5.6
.011
12.6
4.0
RL-1283-6.8
6.8
.011
11.6
4.0
RL-1283-8.2
8.2
.013
9.89
4.0
RL-1283-10
10
.017
8.70
4.0
RL-1283-12
12
.019
8.21
4.0
RL-1283-15
15
.022
7.34
4.0
RL-1283-18
18
.023
6.64
4.0
RL-1283-22
22
.026
6.07
4.0
RL-1283-27
27
.027
5.36
4.0
RL-1283-33
33
.032
4.82
4.0
RL-1283-39
39
.033
4.36
4.0
RL-1283-47
47
.035
3.98
4.0
RL-1283-56
56
.037
3.66
3.2
RL-1283-68
68
.047
3.31
2.5
RL-1283-82
82
.060
3.10
2.0
RL-1283-100
100
.090
2.79
1.6
RL-1283-120
120
.113
2.54
1.6
RL-1283-150
150
.129
2.22
1.6
RL-1283-180
180
.150
1.98
1.6
RL-1283-220
220
.162
1.89
1.6
RL-1283-270
270
.208
1.63
1.6
RL-1283-330
330
.212
1.51
1.6
RL-1283-390
390
.281
1.39
1.6
RL-1283-470
470
.380
1.24
1.2
RL-1283-560
560
.420
1.17
1.0
RL-1283-680
680
.548
1.05
1.0
RL-1283-820
820
.655
.97
0.8
RL-1283-1000
1000
.844
.87
0.8
RL-1283-1200
1200
1.04
.79
0.6
RL-1283-1500
1500
1.18
.70
0.6
RL-1283-1800
1800
1.56
.64
0.6
RL-1283-2200
2200
2.00
.58
0.5
RL-1283-2700
2700
2.06
.53
0.4
RL-1283-3300
3300
2.53
.47
0.4
RL-1283-3900
3900
2.75
.43
0.4
RL-1283-4700
4700
3.19
.39
0.4
RL-1283-5600
5600
5.92
.359
0.315
RL-1283-6800
6800
5.69
.322
0.250
RL-1283-8200
8200
6.32
.293
0.250
RL-1283-10000
10000
7.30
.266
0.250
RL-1283-12000
12000
9.21
.241
0.200
RL-1283-15000
15000
10.50
.214
0.200
RL-1283-18000
18000
14.80
.198
0.158
RL-1283-22000
22000
21.80
.180
0.125
RL-1283-27000
27000
22.70
.162
0.125
RL-1283-33000
33000
25.70
.146
0.125
RL-1283-39000
39000
31.80
.135
0.100
RL-1283-47000
47000
36.10
.122
0.100
RL-1283-56000
56000
40.90
.112
0.100
RL-1283-68000
68000
57.30
.101
0.082
RL-1283-82000
82000
79.30
.090
0.065
RL-1283-100000
100000
89.70
.081
0.065
NOTES:
1. Inductance
±15% measured at
1kHz.
2. Saturation current lowers
inductance 5%.
3. Coils finished with sleeving VW1
rated.
4. Encapsulated to MIL-STD-27D
available, see Renco RL-1325
Series.
5. Maximum temperature range
-55
°C to +130°C.
6. Nonstandard values available.
7. 10% and 5% tolerance optional.
8. For applications over 24 Volts
verify operation with sample
in actual circuit.


Similar Part No. - RL-1283-330

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-1283-330 RENCO-RL-1283-330 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1283-3300 RENCO-RL-1283-3300 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1283-33000 RENCO-RL-1283-33000 Datasheet
1Mb / 3P
   POWER LINE CHOKES
More results

Similar Description - RL-1283-330

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
B82523T0000E005 EPCOS-B82523T0000E005 Datasheet
137Kb / 6P
   Power line chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com