Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHAP3307 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHAP3307
Description  Tact switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3307 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHAP3307 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3307 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
C-4
APEM
www.apem.com
PHAP33 series
SMT tact switches
Microminiature and ultra-low profile - 4,2 x 4,2 mm case
C
With positioning pins
• Ultra-compact size for board space saving : 4,2 x 4,2 mm case,
1,5 mm button height from PCB
• Reflow solderable
• With or without positioning pins
• For tape and reel packaging, add ”R” at the end of model number.
ø0.80
(.031 DIA)
(.024)
0.60
1.50
(.059)
1.10
(.020)
(.137)
3.50
(.043)
(.173)
4.40
(.079DIA)
0.50
(.165)
4.20
Ø2.00
4
3
1
(.188)
4.80
2
4
2
(.110)
2.80
1
3
(.102)
2.60
Without positioning pins
(.102)
2.60
(.059)
1.50
(.188)
4.80
(.043)
1.10
3
1
4
2
1
2
4
3
(.137)
3.50
(.020)
(.173)
4.40
0.50
(.079DIA)
(.165)
4.20
Ø2.00
Operating force : 2,6N ± 0,5N - Travel : 0,20 mm
Operating force : 2,6N ± 0,5N - Travel : 0,20 mm
PACKAGING
Model number
PHAP3390
Model number
PHAP3391
To order a product with tape and reel
packaging, add ”R” at the end of its
model number.
Example : PHAP3390R.
Quantity per reel : 3.400 pieces
(13.00 DIA)
Ø330.00
2.00
(.079)
(.551)
14.00
(.079)
2.00
(.157)
4.00
(.315)
8.00
(.098)
2.50
(.079)
2.00
(.059 DIA)
Ø1.50
(.512 DIA)
Ø13.00
(LABEL)
ETIQUETTE
LABEL


Similar Part No. - PHAP3307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAP4383V ETC2-PHAP4383V Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4683 ETC2-PHAP4683 Datasheet
272Kb / 2P
   Momentary or latching action key switches
More results

Similar Description - PHAP3307

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com