Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAL-008550 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAL-008550
Description  Low Noise Amplifier 0.5 - 3.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAL-008550 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAL-008550 Datasheet HTML 1Page - Tyco Electronics MAAL-008550 Datasheet HTML 2Page - Tyco Electronics MAAL-008550 Datasheet HTML 3Page - Tyco Electronics MAAL-008550 Datasheet HTML 4Page - Tyco Electronics MAAL-008550 Datasheet HTML 5Page - Tyco Electronics MAAL-008550 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
2
Low Noise Amplifier
0.5 - 3.0 GHz
M/A-COM Products
Rev. V1
MAAL-008550
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Electrical Specifications: VDD = +3 V, TA = 25 °C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
F = 2.3 GHz
dB
11.5
12.5
14.5
Noise Figure
F = 2.3 GHz
dB
0.75
0.9
Input Return Loss
F = 2.3 GHz
dB
14
Output Return Loss
F = 2.3 GHz
dB
17
Output P1dB
500 – 3000 MHz
dBm
1
Output IP3
500 – 3000 MHz
dBm
16.5
Current
mA
7.5
10.0
Recommended PCB Configuration
Parts List
Evaluation Board Schematic
Component
Value
Foot Print Manufacturer
C1
8.2 pF
0603
ATC
C2
100 pF
0402
Murata
C3
0.1 µF
0402
Murata
L1
2.4 nH
0402
Coilcraft
L2, L3
3.9 nH
0402
Toko
TL1
50 Ω, 21.5° @ 2.3 GHz
TL2
50 Ω, 21° @ 2.3 GHz
TL3
61.6 Ω, 25.3° @ 2.3 GHz
L4
3.9 nH
0402
Coilcraft


Similar Part No. - MAAL-008550

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-008091 MACOM-MAAL-008091 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
MAAL-008091 MA-COM-MAAL-008091 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier
logo
Tyco Electronics
MAAL-008091-000000 MACOM-MAAL-008091-000000 Datasheet
191Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAL-008091-000000 MA-COM-MAAL-008091-000000 Datasheet
169Kb / 5P
   High Dynamic Range Low Noise Amplifier 800 - 1000 MHz
More results

Similar Description - MAAL-008550

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAL-007304 MACOM-MAAL-007304 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Teledyne Technologies I...
TMA-4-0504 TELEDYNE-TMA-4-0504 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
TMA-4-0503 TELEDYNE-TMA-4-0503 Datasheet
892Kb / 2P
   Low Noise Amplifier 0.5 GHz - 4 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
   0.5 ??6 GHz Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
857Kb / 14P
   0.4-3.0 GHz Low Noise Amplifier
logo
Teledyne Technologies I...
TMT-4-0504 TELEDYNE-TMT-4-0504 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
TMT-4-0503 TELEDYNE-TMT-4-0503 Datasheet
892Kb / 2P
   Temperature Compensated Low Noise Amplifier 0.5 GHz - 4 GHz
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com