Electronic Components Datasheet Search |
|
MAAL-008550-TR3000 Datasheet(PDF) 1 Page - Tyco Electronics |
|
MAAL-008550-TR3000 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 6 page • North America Tel: 800.366.2266 / Fax: 978.366.2266 • Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 • Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information. M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. 1 Low Noise Amplifier 0.5 - 3.0 GHz M/A-COM Products Rev. V1 MAAL-008550 ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop- ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features • Low Noise Figure: 0.75 dB at 2.3 GHz • Single +3 to +5 V Supply Voltage • Low Current: 7.5 mA typical • Lead-Free SC70-6LD • 100% Matte Tin Plating over Copper • Halogen-Free “Green” Mold Compound • RoHS* Compliant and 260°C Reflow Compatible Description M/A-COM’s MAAL-008550 low noise amplifier is a GaAs MMIC amplifier in a lead-free SC70 surface mount plastic package. The MAAL-008550 employs a monolithic single stage design and can be biased from a single 3.0 volt supply. Any voltage between 3.0 and 5.0 volts can be used, depending on system requirements. Its low noise design provides usable performance from 0.5 to 3.0 GHz. M/A-COM fabricates the MAAL-008550 using a low noise PHEMT process to realize low noise and high gain. The process features full passivation for performance and reliability. Ordering Information 1,2 Part Number Package MAAL-008550-000000 Bulk Packaging MAAL-008550-TR3000 3000 piece reel MAAL-008550-001SMB Sample Board, 2.3 - 2.5 GHz Tuning 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. Absolute Maximum Ratings 3,4 Parameter Absolute Maximum RF Input Power 0 dBm Voltage 6.0 volts Operating Temperature -40 °C to +85 °C Storage Temperature -65 °C to +150 °C 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. Functional Schematic Pin Configuration Pin No. Pin Name Description 1 VDD1 First stage positive supply voltage 2 GND RF and DC Ground 3 RFIN RF Input of the amplifier 4 SRC Source 5 GND RF and DC Ground 6 RFOUT RF Output of the amplifier |
Similar Part No. - MAAL-008550-TR3000 |
|
Similar Description - MAAL-008550-TR3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |