8 / 14 page
C-10
APEM
www.apem.com
PHAP33 series
SMT tact switches
Microminiature - Low profile - 6,1 x 3,7 mm case
C
PACKAGING
4.00
2.00
(.079)
(.709)
2.00
(.079)
(.157)
18.00
Ø13.00
(.512 DIA)
Ø330.00
(13.00 DIA)
LABEL
(.059 DIA)
Ø1.50
(.110)
2.80
(.314)
8.00
Flat terminals
(.098)
2.50
3.70
(.146)
0.60
(.024)
(.047)
1.20
2
1
1.40
(.055)
2
1
Model No
PHAP3365R
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm
• Ultra-compact size for board space saving : 6,1 x 3,7 mm case,
2,5 mm button height from PCB
• Available with flat or bent terminals
Quantity per reel : 3.000 pieces
Bent terminals
1
2
(.055)
1.40
1
2
1.20
(.047)
(.024)
0.60
(.146)
3.70
2.50
(.098)
Model No
PHAP3366R
Operating force : 1,8N ± 0,5N - Travel : 0,25 mm