Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQ181E1LW31 Datasheet(PDF) 5 Page - Sharp Corporation

Part # LQ181E1LW31
Description  TFT-LCD Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LQ181E1LW31 Datasheet(HTML) 5 Page - Sharp Corporation

  LQ181E1LW31 Datasheet HTML 1Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 2Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 3Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 4Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 5Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 6Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 7Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 8Page - Sharp Corporation LQ181E1LW31 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LD-13Z04-2
3. Mechanical Specifications
Parameter
Specifications
Unit
46 (Diagonal)
cm
Display size
18.1 (Diagonal)
Inch
Active area
359.0 (H)×287.2 (V)
mm
1280 (H)×1024 (V)
Pixel
Pixel format
(1 pixel=R+G+B dots)
Pixel pitch
0.2805 (H) × 0.2805 (V)
mm
Pixel configuration
R,G,B vertical stripe
Display mode
Normally Black
Unit outline dimensions *1
389 (W)×317.2 (H)×27.5(D)
mm
Mass
MAX 3.5
kg
Surface treatment
Anti-glare and hard-coating 2H
*1.Note: excluding back light cables.
The thickness of module (D) doesn’t contain the projection.
Outline dimensions are shown in Fig.1.


Similar Part No. - LQ181E1LW31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ181E1DG01 SHARP-LQ181E1DG01 Datasheet
44Kb / 2P
   Color TFT-LCD Module for OA/Multimedia use(Desktop PC/Monitor)
LQ181E1DG11 SHARP-LQ181E1DG11 Datasheet
122Kb / 1P
   Color TFT-LCD Module(Desktop PC/Monitor)
More results

Similar Description - LQ181E1LW31

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LQ150X1LGN2A SHARP-LQ150X1LGN2A Datasheet
901Kb / 24P
   TFT-LCD MODULE
LQ121S1LG41 SHARP-LQ121S1LG41 Datasheet
3Mb / 19P
   TFT-LCD Module
LQ084S3DG01 SHARP-LQ084S3DG01 Datasheet
702Kb / 20P
   TFT-LCD Module
LQ10D131 SHARP-LQ10D131 Datasheet
1Mb / 19P
   TFT - LCD MODULE
LQ035Q7DB03 SHARP-LQ035Q7DB03 Datasheet
506Kb / 24P
   TFT LCD MODULE
LQ104S1DG21 SHARP-LQ104S1DG21 Datasheet
376Kb / 19P
   TFT-LCD Module
LQ121S1LG61 SHARP-LQ121S1LG61 Datasheet
715Kb / 20P
   TFT-LCD Module
LQ057Q3DC03 SHARP-LQ057Q3DC03 Datasheet
341Kb / 18P
   TFT - LCD module
LQ150X1LW72 SHARP-LQ150X1LW72 Datasheet
835Kb / 24P
   TFT-LCD Module
LQ12DX12 SHARP-LQ12DX12 Datasheet
1Mb / 18P
   TFT-LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com