Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHAP3305B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHAP3305B
Description  Tact switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHAP3305B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHAP3305B Datasheet HTML 1Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 2Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 3Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 4Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 5Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 6Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 7Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 8Page - List of Unclassifed Manufacturers PHAP3305B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
APEM
www.apem.com
C-5
PHAP33 series
SMT tact switches
Ultra-low profile - 6 x 6 mm case
C
Without grounding tab
• Ultra-compact size for board space saving : 6 x 6 mm case,
1,6 mm button height from PCB
• Reflow solderable
• Types for iron soldering (L = 10 mm)
• With positioning pins
• With or without grounding tab for protection against electrostatic
discharges
• For tape and reel packaging, add ”R” at the end of model number.
(.063)
(.028)
(.091)
(.012)
0.30
(.260)
2.30
6.60
(.118 DIA)
Ø3.00
1.60
4.50
(.177)
(.236)
6.00
0.70
3
1
4
2
(.177)
1
3
4.50
(.059 DIA)
2
(.055)
1.40
4
Ø1.50
Model No
Dim. «L»
PHAP3381
8 mm
PHAP3382
10 mm
With grounding tab
(.260)
(.063)
0.30
(.012)
2.30
(.091)
1.60
6.60
Ø3.00
(.118 DIA)
(.236)
(.177)
4.50
6.00
(.028)
0.70
(.055)
1.40
(.177)
4.50
5
3
1
4
2
1
2
4
3
5
(.059 DIA)
Ø1.50
Model No
Dim. «L»
PHAP3383
8 mm
PHAP3384
10 mm
PACKAGING
To order a product with tape and reel
packaging, add ”R” at the end of its
model number.
Example : PHAP3383R.
Quantity per reel : 2.200 pieces
Ø13.00
(.512 DIA)
Ø330.00
(13.00 DIA)
(.079)
2.00
(.472)
12.00
ETIQUETTE
(LABEL)
(.709)
18.00
4.00
(.157)
2.00
(.079)
(.059 DIA)
Ø1.50
(.118)
3.00
Operating force : 1,6N ± 0,5N - Travel : 0,25 mm
Operating force : 1,6N ± 0,5N - Travel : 0,25 mm
LABEL


Similar Part No. - PHAP3305B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHAP4383V ETC2-PHAP4383V Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4673 ETC2-PHAP4673 Datasheet
272Kb / 2P
   Momentary or latching action key switches
PHAP4683 ETC2-PHAP4683 Datasheet
272Kb / 2P
   Momentary or latching action key switches
More results

Similar Description - PHAP3305B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
320 E-SWITCH-320 Datasheet
327Kb / 3P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6141 HIGHLY-TP6141 Datasheet
1Mb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1107 E-SWITCH-TL1107 Datasheet
278Kb / 2P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
TP6149T HIGHLY-TP6149T Datasheet
952Kb / 2P
   TACT SWITCHES
logo
E-SWITCH
TL1150 E-SWITCH-TL1150 Datasheet
94Kb / 1P
   TACT SWITCHES
logo
Highly Electric Co., Lt...
PB614 HIGHLY-PB614 Datasheet
2Mb / 5P
   TACT SWITCHES
PB617 HIGHLY-PB617 Datasheet
1Mb / 3P
   TACT SWITCHES
TP6152 HIGHLY-TP6152 Datasheet
1Mb / 3P
   TACT SWITCHES
TP617 HIGHLY-TP617 Datasheet
823Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com