Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT2-458-5 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LMT2-458-5
Description  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMT2-458-5 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LMT2-458-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers LMT2-458-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 6
Serial interface commands
2400 baud RS232. 8 bit data, no parity, 1 start bit, 1 or 2 stop bits.
Serial data is sent to the unit on one of the parallel channel select pins (P0). It is very important that
the unit does not 'decode' switch bounce in ordinary operation as a command string, or spurious re-
writing of the e2prom will result. For this reason the user must send the 16 character string
ENABLESERIALMODE (followed by a carriage return) to activate the serial command mode before
sending any of the command strings listed below. Command mode is disabled on power down, or on
reception of a # character. To successfully program the unit, it must be enabled ('RXE high (rx) or TXE
low (tx)).
GOCHAN aa
Serially select channel aa, where aa is ch0 to ch31
LOAD aa nnnnn
Set value of N register for channel aa, where aa is Channels 0 to 31
SETPAR
Channel selected by 4 bit parallel inputs (ch0 to ch15 only)
SETSER
Channel selected by most recent GOCHAN operation
RVALUE rrrr
Set value for R register
SINGLE nnnnn
Set value of N for single channel operation.
N value NOT stored in EEPROM
<cr>
Process entry
/
Clear all buffers
#
Disable command mode
aa = a two digit channel number from 00 to 31
nnnnn = synthesizer N register value (up to 65535)
rrrr = synthesizer R register value (up to 16383)
17356
25
900
.
433
=
=
=
kHz
MHz
f
f
N
cing
Channelspa
RF
TX
kHz
MHz
f
f
R
cing
channelspa
TCXO
25
13
=
=
, So R=520
16500
25
4
.
21
900
.
433
4
.
21
=
=
=
kHz
MHz
f
MHz
f
N
cing
Channelspa
RF
RX
Note: A pause of at least 50ms must be allowed between command strings (EEPROM
programming time).
SINGLE mode does not store the N value in EEPROM. Therefore the unit is inoperative
after a power down until either another valid SINGLE command is received, or mode is
changed by a GOCHAN, SETPAR or SETSER command. SINGLE mode is intended for
frequency agile applications.


Similar Part No. - LMT2-458-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT2-458-5 RADIOMETRIX-LMT2-458-5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2-458-5 RADIOMETRIX-LMT2-458-5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT2-458-5-12K5 RADIOMETRIX-LMT2-458-5-12K5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2-458-5-12k5 RADIOMETRIX-LMT2-458-5-12k5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
More results

Similar Description - LMT2-458-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com