Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR2-458-5-12K5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LMR2-458-5-12K5
Description  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMR2-458-5-12K5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LMR2-458-5-12K5 Datasheet HTML 1Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 2Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMR2-458-5-12K5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 1
Features
Conforms to EN 300 220-3 and EN 301 489-3
High performance double superhet. PLL synthesizer with TCXO
quasi-dc (peak sampling) data recovery circuit (for enhanced performance on unbalanced
datastreams)
SAW front-end filter
Data rates up to 5 kbps for standard module
Usable range over 1km
Fully screened. Low profile
Feature-rich interface (RSSI, analogue and digital baseband)
Re-programmable via RS232 interface
Low power requirements
Applications
Handheld terminals
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
DGPS systems
Vehicle data up/download
Heavy vehicle/machinery controls
Technical Summary
Operating frequency: 433.875-434.650MHz (EU band)
458.525 - 459.1MHz (UK band)
Other custom UHF bands
32 channels
Transmit power: +10dBm (10mW) / +20dBm (100mW)
Supply range: 3.1 – 15V (TX @ 10mW and RX), 4.1 – 15V (TX @ 100mW)
Current consumption: 34mA @ 10mW, 90mA @ 100mW (transmit) and 20mA (receive)
Data bit rate: 5kbps max. (standard module)
Receiver sensitivity: -118dBm (for 12 dB SINAD)
Serial configuration by inverted RS232 at 3V CMOS level
UHF Narrow Band FM Low Cost multi channel radio modules
UHF Narrow Band FM Low Cost multi channel radio modules
UHF Narrow Band FM Low Cost multi channel radio modules
UHF Narrow Band FM Low Cost multi channel radio modules
The
LMT2
transmitter
and
LMR2
receiver modules offer a multi channel,
low power, and reliable data link. This
makes the LMT2/LMR2 pair ideally
suited to those low power applications
where existing wideband modules have
insufficient range, or where low cost
multi-channel
operation
is
needed
without
compromising
on
RF
specification or regulatory requirement.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 2, 01 November 2007
LMT2/LMR2
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: LMT2 transmitter and LMR2 receiver


Similar Part No. - LMR2-458-5-12K5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMR2-458-5-12K5 RADIOMETRIX-LMR2-458-5-12K5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMR2-458-5-12k5 RADIOMETRIX-LMR2-458-5-12k5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
More results

Similar Description - LMR2-458-5-12K5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com