Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR2-458-10 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LMR2-458-10
Description  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMR2-458-10 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LMR2-458-10 Datasheet HTML 3Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 4Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 5Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 6Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 7Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 8Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 9Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 10Page - List of Unclassifed Manufacturers LMR2-458-10 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 7
LMT2, LMR2 channels are spaced at 50kHz interval into two frequency groups. 50kHz spacing between
sequential channels minimises adjacent channel interference.
e.g. 433MHz band
Serial or Parallel
channel select
Frequency (MHz)
Serial channel
select
Frequency (MHz)
16
433.875
0 (P3:P0 = HHHH)* 433.900
17
433.925
1
433.950
18
433.975
2
434.000
19
434.025
3
434.050
20
434.075
4
434.100
21
434.125
5
434.150
22
434.175
6
434.200
23
434.225
7
434.250
24
434.275
8
434.300
25
434.325
9
434.350
26
434.375
10
434.400
27
434.425
11
434.450
28
434.475
12
434.500
29
434.525
13
434.550
30
434.575
14
434.600
31
434.625
15 (P3:P0=LLLL)*
434.650
Note: Parallel select pins: H=3V, L= 0V


Similar Part No. - LMR2-458-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMR2-458-10 RADIOMETRIX-LMR2-458-10 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMR2-458-10 RADIOMETRIX-LMR2-458-10 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
More results

Similar Description - LMR2-458-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com