Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1230 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1230
Description  Low-Standby Power High Performance PWM Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1230 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1230_08 Datasheet HTML 6Page - ON Semiconductor NCP1230_08 Datasheet HTML 7Page - ON Semiconductor NCP1230_08 Datasheet HTML 8Page - ON Semiconductor NCP1230_08 Datasheet HTML 9Page - ON Semiconductor NCP1230_08 Datasheet HTML 10Page - ON Semiconductor NCP1230_08 Datasheet HTML 11Page - ON Semiconductor NCP1230_08 Datasheet HTML 12Page - ON Semiconductor NCP1230_08 Datasheet HTML 13Page - ON Semiconductor NCP1230_08 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NCP1230
http://onsemi.com
10
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
79.0
80.0
81.0
150
VCC = 13 V
79.5
TYPICAL PERFORMANCE CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
10
18
20
150
12
16
14
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
230
260
280
150
200
210
240
270
220
250
Vfb = 0.75 V
80.5
4.0
6.0
10.0
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
150
VCC = 13 V
5.0
7.0
fosc = 65 kHz
8.0
9.0
Figure 23. Internal Modulation Swing
vs. Temperature
Figure 24. Maximum Duty Cycle
vs. Temperature
Figure 25. Iopto vs. Temperature
Figure 26. Internal Ramp Compensation Resistor
vs. Temperature
VCC = 13 V
22
24
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
2.50
3.00
3.50
150
2.75
3.25
Figure 27. Fault Time Delay vs. Temperature
Figure 28. Vlatch vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
-25
-50
100
140
150
150
110
130
120


Similar Part No. - NCP1230_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230A ONSEMI-NCP1230A Datasheet
2Mb / 21P
   Low--Standby Power Soft Skip Mode Controller
December, 2010 -- Rev. 7
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230D100R2G ONSEMI-NCP1230D100R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1230D100R2G ONSEMI-NCP1230D100R2G Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230D133R2G ONSEMI-NCP1230D133R2G Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
More results

Similar Description - NCP1230_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1230 ONSEMI-NCP1230_15 Datasheet
242Kb / 21P
   Low-Standby Power High Performance PWM Controller
May, 2015 ??Rev. 12
NCP1230 ONSEMI-NCP1230 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM Controller
February, 2011 ??Rev. 11
NCP1381 ONSEMI-NCP1381_V01 Datasheet
868Kb / 27P
   Low-Standby High Performance PWM Controller
November, 2010 - Rev. 5
NCP1230AP100 ONSEMI-NCP1230AP100 Datasheet
233Kb / 21P
   Low-Standby Power High Performance PWM
February, 2011 ??Rev. 11
NCP1231 ONSEMI-NCP1231 Datasheet
492Kb / 21P
   Low?뭆tandby Power High Performance PWM Controller
July, 2006 ??Rev. 4
logo
Princeton Technology Co...
RS2052 PTC-RS2052 Datasheet
545Kb / 5P
   100mW Standby Power Green PWM Controller
logo
ON Semiconductor
NCP1381 ONSEMI-NCP1381 Datasheet
554Kb / 26P
   Low?뭆tandby High Performance PWM Controller
July, 2006 ??Rev. 3
NCP1239 ONSEMI-NCP1239 Datasheet
1Mb / 38P
   Low?뭆tandby High Performance PWM Controller
October, 2005 ??Rev. 5
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com