Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-8410 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # IRM-8410
Description  Single unit type module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-8410 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  IRM-8410 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-8410 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Device Number: DMO-841-001
REV:
1.1
MODEL NO:
IRM-8410/N
ECN:
Page:
2/9
■ NOTES:
1. This drawing measure is a standard value. All dimensions are in millimeter.
2. In case of designation is tolerance ± 0.3mm.
3. Lead spacing is measured where the lead emerge from the package.
4. Above specification may be changed without notice. EVERLIGHT will reserve authority
on material change for above specification.
5. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don't reproduce or cause anyone to reproduce them without
EVERLIGHT consent.
6. When using this produce, please observe the absolute maximum ratings and the
instructions for use outlined in these specification sheets. EVERLIGHT assumes no
responsibility for any damage resulting from use of the product which does not comply
with the absolute maximum ratings and the instructions included in these specification
sheets.


Similar Part No. - IRM-8410

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8601K-1 EVERLIGHT-IRM-8601K-1 Datasheet
244Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S EVERLIGHT-IRM-8601S Datasheet
233Kb / 8P
   Infrared Remote-control Receiver Module
IRM-8601S EVERLIGHT-IRM-8601S Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-1 EVERLIGHT-IRM-8601S-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8601S-2 EVERLIGHT-IRM-8601S-2 Datasheet
252Kb / 9P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-8410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKE12 ETC2-PKE12 Datasheet
311Kb / 4P
   Single unit/Complete unit
logo
RSG Electronic Componen...
PBA75F RSG-PBA75F Datasheet
138Kb / 2P
   Unit type
PAA75F RSG-PAA75F Datasheet
105Kb / 2P
   Unit type
PAA300F RSG-PAA300F Datasheet
105Kb / 2P
   Unit type
PBA10F RSG-PBA10F Datasheet
142Kb / 2P
   Unit type
PBA30F RSG-PBA30F Datasheet
134Kb / 2P
   Unit type
PBA15F RSG-PBA15F Datasheet
135Kb / 2P
   Unit type
PBA1000F RSG-PBA1000F Datasheet
160Kb / 2P
   Unit type
PBA100F RSG-PBA100F Datasheet
155Kb / 2P
   Unit type
PBA150F RSG-PBA150F Datasheet
156Kb / 2P
   Unit type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com