Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND16GAH0AZA5E Datasheet(PDF) 1 Page - Numonyx B.V

Part # NAND16GAH0AZA5E
Description  1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND16GAH0AZA5E Datasheet(HTML) 1 Page - Numonyx B.V

  NAND16GAH0AZA5E Datasheet HTML 1Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 2Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 3Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 4Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 5Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 6Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 7Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 8Page - Numonyx B.V NAND16GAH0AZA5E Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
December 2007
Rev 2
1/116
1
NAND08GAH0A
NAND16GAH0D
1 Gbyte, 2 Gbyte, 1.8 V/3 V supply,
NAND Flash memories with MultiMediaCard™ interface
Features
Packaged NAND Flash memory with
MultiMediaCard interface
1, 2 Gbytes of formatted data storage
eMMC/MultiMediaCard system specification,
compliant with V4.1
Full backward compatibilty with previous
MultiMediaCard system specification
Bus mode
– High-speed MultiMediaCard protocol
– SPI protocol
– Three different data bus widths:1 bit, 4 bits,
8 bits
– Data transfer rate: up to 52 Mbyte/s
Operating voltage range:
–VCCQ =1.8 V/3 V
–VCC = 3 V
Supported clock frequencies: 0 to 52 MHz
Multiple Block Read (x 8 at 52 MHz):
up to 3.5 Mbyte/s
Multiple Block Write (x 8 at 52 MHz):
up to 8.5 Mbyte/s
Power dissipation
– Standby current: down to 200 µA
– Read current: down to 30 mA
– Write current: down to 30 mA
Error free memory access
– Internal enhanced data management
algorithm (wear levelling, bad block
management, garbage collection)
– Internal error correction code
Data integrity
– Data reliability: less than 1 non-recoverable
error per 1014 bits read
– Endurance: more that 2,000,000
Program/Erase cycles
Security
– Password protection of data
– Built-in write protection (permanent or
temporary)
FBGA
LFBGA169 12 x 16 x 1.4 mm (ZA)
www.numonyx.com


Similar Part No. - NAND16GAH0AZA5E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GW3C2AN1E NUMONYX-NAND16GW3C2AN1E Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C2AN1F NUMONYX-NAND16GW3C2AN1F Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C2AN6E NUMONYX-NAND16GW3C2AN6E Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C2AN6F NUMONYX-NAND16GW3C2AN6F Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND16GW3C2AZL1E NUMONYX-NAND16GW3C2AZL1E Datasheet
1Mb / 58P
   8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results

Similar Description - NAND16GAH0AZA5E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB2881000A5 HITACHI-HB2881000A5 Datasheet
168Kb / 66P
   FLASH ATA Card 1 GByte
logo
Numonyx B.V
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
   512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
logo
Eon Silicon Solution In...
EN27SN1G08 EON-EN27SN1G08 Datasheet
951Kb / 44P
   1 Gigabit (128 Mx 8), 1.8 V NAND Flash Memory
logo
STMicroelectronics
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com