Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5104PG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5104PG
Description  High Voltage, Half Bridge Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5104PG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5104PG Datasheet HTML 5Page - ON Semiconductor NCP5104PG Datasheet HTML 6Page - ON Semiconductor NCP5104PG Datasheet HTML 7Page - ON Semiconductor NCP5104PG Datasheet HTML 8Page - ON Semiconductor NCP5104PG Datasheet HTML 9Page - ON Semiconductor NCP5104PG Datasheet HTML 10Page - ON Semiconductor NCP5104PG Datasheet HTML 11Page - ON Semiconductor NCP5104PG Datasheet HTML 12Page - ON Semiconductor NCP5104PG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCP5104
http://onsemi.com
9
CHARACTERIZATION CURVES
0
0.2
0.4
0.6
0.8
1.0
1.2
1.6
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 20. Low Level Input Voltage Threshold
vs. Supply Voltage (VCC = VBOOT)
0
0.5
1.0
1.5
2.0
2.5
10
12
14
16
18
20
VCC, VOLTAGE (V)
Figure 21. Low Level Input Voltage Threshold
vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 22. High Level Input Voltage Threshold
vs. Supply Voltage (VCC = VBOOT)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
12
14
16
18
20
VCC, VOLTAGE (V)
Figure 23. High Level Input Voltage Threshold
vs. Temperature
0
2.0
4.0
6.0
8.0
10
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
°C)
Figure 24. Logic “0” Input Current vs. Supply
Voltage (VCC = VBOOT)
Figure 25. Logic “0” Input Current vs.
Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
12
14
16
18
20
VCC, VOLTAGE (V)
1.4


Similar Part No. - NCP5104PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5104PG ONSEMI-NCP5104PG Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
NCP5104PG ONSEMI-NCP5104PG Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results

Similar Description - NCP5104PG

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81740FP MITSUBISHI-M81740FP Datasheet
265Kb / 10P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384D013TR STMICROELECTRONICS-L6384D013TR Datasheet
153Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81731FP MITSUBISHI-M81731FP Datasheet
79Kb / 6P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M63991FP MITSUBISHI-M63991FP Datasheet
75Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
ON Semiconductor
NCP5104 ONSEMI-NCP5104_15 Datasheet
110Kb / 15P
   High Voltage, Half Bridge Driver
June, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com