Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27256 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M27256
Description  NMOS 256K 32K x 8 UV EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27256 Datasheet(HTML) 4 Page - STMicroelectronics

  M27256 Datasheet HTML 1Page - STMicroelectronics M27256 Datasheet HTML 2Page - STMicroelectronics M27256 Datasheet HTML 3Page - STMicroelectronics M27256 Datasheet HTML 4Page - STMicroelectronics M27256 Datasheet HTML 5Page - STMicroelectronics M27256 Datasheet HTML 6Page - STMicroelectronics M27256 Datasheet HTML 7Page - STMicroelectronics M27256 Datasheet HTML 8Page - STMicroelectronics M27256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AI00827
2.4V
0.45V
2.0V
0.8V
Figure 3. AC Testing Input Output Waveforms
Input Rise and Fall Times
≤ 20ns
Input Pulse Voltages
0.45V to 2.4V
Input and Output Timing Ref. Voltages
0.8V to 2.0V
AC MEASUREMENT CONDITIONS
AI00828
1.3V
OUT
CL = 100pF
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Figure 4. AC Testing Load Circuit
Note that Output Hi-Z is defined as the point where data
is no longer driven.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 5. Capacitance (1) (TA = 25
°C, f = 1 MHz )
AI00758
tAXQX
tEHQZ
DATA OUT
A0-A14
E
G
Q0-Q7
tAVQV
tGHQZ
tGLQV
tELQV
VALID
Hi-Z
Figure 5. Read Mode AC Waveforms
M27256
4/10


Similar Part No. - M27256

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M27256-1F1 STMICROELECTRONICS-M27256-1F1 Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
M27256-1F6 STMICROELECTRONICS-M27256-1F6 Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Intel Corporation
M27256-20 INTEL-M27256-20 Datasheet
554Kb / 9P
   256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M27256-20F1 STMICROELECTRONICS-M27256-20F1 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
More results

Similar Description - M27256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
   NMOS 32K 4K x 8 UV EPROM
logo
Hitachi Semiconductor
HN27C256H HITACHI-HN27C256H Datasheet
409Kb / 10P
   256k (32k x 8-bit) UV and OPT EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
   ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
   NMOS 128K 16K x 8 UV EPROM
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
   NMOS 16K 2K x 8 UV EPROM
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com