Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC256AF Datasheet(PDF) 11 Page - Numonyx B.V

Part # SMC256AF
Description  32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC256AF Datasheet(HTML) 11 Page - Numonyx B.V

Back Button SMC256AF Datasheet HTML 7Page - Numonyx B.V SMC256AF Datasheet HTML 8Page - Numonyx B.V SMC256AF Datasheet HTML 9Page - Numonyx B.V SMC256AF Datasheet HTML 10Page - Numonyx B.V SMC256AF Datasheet HTML 11Page - Numonyx B.V SMC256AF Datasheet HTML 12Page - Numonyx B.V SMC256AF Datasheet HTML 13Page - Numonyx B.V SMC256AF Datasheet HTML 14Page - Numonyx B.V SMC256AF Datasheet HTML 15Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
SMCxxxAF
Description
11/82
Table 2.
System performance
System performance
Max
Unit
Sleep to write
2.2
ms
Sleep to read
2.4
ms
Power-up to ready
80
ms
Data transfer rate (burst)
16.6 (113X)(1)
1.
113X, 83X and 49X, speed grade markings where 1X = 150 Kbytes/s. All values refer to the 256-Mbyte
CompactFlash card in PIO mode 4, cycle time 120 ns.
Mbit/s
Sustained Read
12.2 (83X)(1)
Mbit/s
Sustained Write
7.2 (49X)(1)
Mbit/s
Command to DRQ
Read
180
µs
Write
40
Table 3.
Current consumption(1)
1.
All values are typical at 25 °C and nominal supply voltage and refer to 256-Mbyte CompactFlash card.
Current consumption (typ)
3.3 V
5 V
Unit
Read
57
60
mA
Write
70
71
mA
Standby
0.4
1
mA
Sleep mode
0.4
1
mA
Table 4.
Environmental specifications
Environmental specifications
Operating
Non-operating
Temperature
–40 to 85 °C
–50 to 100 °C
Humidity (non-condensing)
N/A
85% RH, at 85 °C
Salt water spray
N/A
3% NaCl at 35 °C(1)
1.
MIL STD METHOD 1009.
Vibration (peak -to-peak)
N/A
30 Gmax
Shock
N/A
3,000 Gmax
Table 5.
Physical dimensions
Physical dimensions
Unit
Width
42.8
mm
Height
36.4
mm
Thickness
3.3
mm
Weight (typ)
10
g


Similar Part No. - SMC256AF

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
SMC256BF NUMONYX-SMC256BF Datasheet
1Mb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC256BFY6 STMICROELECTRONICS-SMC256BFY6 Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
Numonyx B.V
SMC256BFY6 NUMONYX-SMC256BFY6 Datasheet
1Mb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
STMicroelectronics
SMC256BFY6E STMICROELECTRONICS-SMC256BFY6E Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
Numonyx B.V
SMC256BFY6E NUMONYX-SMC256BFY6E Datasheet
1Mb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results

Similar Description - SMC256AF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Hitachi Semiconductor
HB28D096C6 HITACHI-HB28D096C6 Datasheet
228Kb / 68P
   CompactFlash??96 MByte/32 MByte
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S25FL128S CYPRESS-S25FL128S Datasheet
15Mb / 149P
   128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 3.0V SPI Flash Memory
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com