Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXM-250225K10F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MPXM-250225K10F
Description  METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPXM-250225K10F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MPXM-250225K10F Datasheet HTML 1Page - List of Unclassifed Manufacturers MPXM-250225K10F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Tecate Industries 2006
Phone: (619) 398-9700 Fax: (858) 398-9777
Web Site: www.tecategroup.com
Tecate Industries
Tecate Group
2007/03/08 Rev.02
INTRODUCTION
THE TYPE MPXM CAPACITORS are constructed
with metalized polypropylene film, dielectric, copper
clad steel lead and encapsulated in plastic cases
sealed with epoxy resin. They provide Interference
Suppression with safety recognition of UL, VDE and
others.
APPLICATION
THE TYPE MPXM CAPACITORS are ideal for
using in Line-By-Pass, Antenna coupling, Across-
The-Line and spark killer circuits and available for
EMI filter and switching power supply applications.
FEATURES
• Non-inductive construction.
• Self-healing.
• Flame-retardant plastic case and epoxy resin
(compliance with UL 94V-0).
• High moisture-resistance.
• Good solderability (plated with 100% Matte Sn).
METTALIZED POLYPROPYLENE (OPP), NON-INDUCTIVE,
PLASTIC CASE, INTERFERENCE SUPPRESSORS CLASS X2
L±1mm
P±1mm
T±1mm
H±1mm
23 min.
Country
Reference Standards
File No.
UL
(USA)
UL 1414
E311523
VDE
(GERMANY)
VDE 0565 1
40014111
SEV
(SWITZERLAND) NEK EN 132 400 (1994)
iec 384 14 11 (1993)/a1 (1995)
05.0562
SEMKO (SWEDEN)
NEK EN 132 400 (1994)
iec 384 14 11 (1993)/a1 (1995)
509154
DEMKO (DENMARK)
NEK EN 132 400 (1994)
iec 384 14 11 (1993)/a1 (1995)
31526-01
NEMKO (NORWAY)
NEK EN 132 400 (1994)
iec 384 14 11 (1993)/a1 (1995)
P0520481
FIMKO (FINLAND)
NEK EN 132 400 (1994)
iec 384 14 11 (1993)/a1 (1995)
21882
Performance Characteristics
Operating Temperature Range
-40°C ~ +100°C
-40°C ~ +85°C (UL).
Voltage Range (50Hz ~ 60Hz)
275VAC (250VAC for UL).
Withstanding Voltage (between leads)
1075VDC for 60 seconds or 2000VDC for 1 second.
Capacitance Range
0.01μF ~ 2.2μF
Capacitance Tolerance
±5% & ±10%.
Maximum Dissipation Factor % (25°C, 1KHz)
0.1
Minimum Insulation Resistance (23°C) (after
1 minute minimum)
IR
≥ 30000MΩ measured @ 100VDC ±
15VDC (C - 0.33μF).
IR
≥ 10000 • μF measured @ 100VDC
± 15VDC (C >
0.33μF).
SPECIFICATIONS
METALLIZED POLYPROPYLENE RADIAL BOX, X2 TYPE, REDUCED SIZE
TYPE MPXM
Part Number Example: MPXM-275/104K10F
MPXM
-
275
/
104
K
10
F
Type
Rated AC (RMS)
Voltage
Capacitance Code
(pF)*
Tolerance Code
Lead Spacing
RoHs Compliant
* Capacitance Code: First two digits represent significant figures, third digit represents multiplier (number of zeros).
PART NUMBERING


Similar Part No. - MPXM-250225K10F

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXM12GS NXP-MPXM12GS Datasheet
449Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
MPXM12GST1 NXP-MPXM12GST1 Datasheet
449Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 11, 07/2009
logo
Motorola, Inc
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
   10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
   10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
More results

Similar Description - MPXM-250225K10F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
171 CDE-171 Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
List of Unclassifed Man...
171333160B-F ETC2-171333160B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Illinois Capacitor, Inc...
472MKP275K ILLINOISCAPACITOR-472MKP275K Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
logo
Suntan Capacitors
TS08H SUNTAN-TS08H Datasheet
161Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
logo
jb Capacitors Company
JFV JBCAPACITORS-JFV_18 Datasheet
247Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFW JBCAPACITORS-JFW Datasheet
259Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFV JBCAPACITORS-JFV_16 Datasheet
243Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
JFZ JBCAPACITORS-JFZ_16 Datasheet
254Kb / 3P
   X2 Metallized Polypropylene Film Capacitor
logo
Suntan Capacitors
TS08 SUNTAN-TS08 Datasheet
324Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR - X2
TS08S SUNTAN-TS08S Datasheet
118Kb / 1P
   METALLIZED POLYPROPYLENE FILM CAPACITOR ??X2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com