Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAND08GW3C2AZL1F Datasheet(PDF) 8 Page - Numonyx B.V

Part # NAND08GW3C2AZL1F
Description  8/16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

NAND08GW3C2AZL1F Datasheet(HTML) 8 Page - Numonyx B.V

Back Button NAND08GW3C2AZL1F Datasheet HTML 4Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 5Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 6Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 7Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 8Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 9Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 10Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 11Page - Numonyx B.V NAND08GW3C2AZL1F Datasheet HTML 12Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Description
NAND08GW3C2A, NAND16GW3C2A
8/58
Figure 1.
Logic block diagram
1.
E2 and RB2 are only present in the NAND16GW3C4A.
Table 1.
Device summary
Part number
Density
Bus
width
Page
size
Block
size
Memory
array
Operatin
g voltage
(VDD)
Timings
Package
Random
access
time
(max)
Sequentia
l access
time (min)
Page
program
(typ)
Block
erase
(typ)
NAND08GW3
C2A
8Gb
x8
2048+
64
bytes
256 K
+ 8 K
bytes
128
pages x
4096
blocks
2.7 to
3.6 V
60 µs
25 ns
800 µs
2.5 ms
TSOP48
ULGA52
NAND16GW3
C4A(1)
16 Gb
128
pages x
8192
blocks
TSOP48
ULGA52
1.
The NAND16GW3C2A is composed of two 8-Gbit dice.
Address
register/counter
Command
interface
logic
P/E/R controller
high voltage
generator
Buffers
E1
W
AI13296b
R
Y decoder
Page buffer
NAND Flash
memory array
Command register
CL
AL
RB1
Data register
I/O
WP
E2
RB2


Similar Part No. - NAND08GW3C2AZL1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN1E NUMONYX-NAND08GW3C2BN1E Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN1F NUMONYX-NAND08GW3C2BN1F Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN6E NUMONYX-NAND08GW3C2BN6E Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND08GW3C2BN6F NUMONYX-NAND08GW3C2BN6F Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
More results

Similar Description - NAND08GW3C2AZL1F

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND08GW3C2B NUMONYX-NAND08GW3C2B Datasheet
1Mb / 60P
   8 or 16 Gbit, 2112 byte page, 3 V supply, multilevel, multiplane, NAND Flash memory
NAND04G-B2D NUMONYX-NAND04G-B2D Datasheet
1Mb / 69P
   4 Gbit, 8 Gbit, 2112 byte/1056 word page multiplane architecture, 1.8 V or 3 V, NAND Flash memories
NAND01G-B2B NUMONYX-NAND01G-B2B Datasheet
1Mb / 60P
   1-Gbit, 2-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, NAND flash memory
NAND02G-B2D NUMONYX-NAND02G-B2D Datasheet
1Mb / 69P
   2-Gbit, 2112-byte/1056-word page multiplane architecture, 1.8 V or 3 V, NAND flash memories
logo
STMicroelectronics
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
Numonyx B.V
NAND01GR3B2C NUMONYX-NAND01GR3B2C Datasheet
1Mb / 67P
   1-Gbit, 2112-byte/1056-word page, 1.8 V/3 V, single level cell NAND flash memory
January 2010 Rev 5
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com