Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1369 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1369
Description  Integrated Circuit Audio Power Amplifier, 5.5W
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1369 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1369 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTE1369
Integrated Circuit
Audio Power Amplifier, 5.5W
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
Operation
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Without Signal
24V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Current, ICC
4A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PD
25W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
−30
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
−55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 13.2V, RL = 4Ω, f = 1kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Quiescent Current
ICQ
Vi = 0
20
30
75
mA
Voltage Gain
GV
Vi = 4mV
50
52
54
dB
Non−Distortional Maximum Output Power
PO
THD = 10%
4.8
5.5
W
Total Harmonic Distortion
THD
Vi = 4mV
0.1
1.0
%
Output Noise Voltage
Vno
Rg = 10kΩ
1
3
mV
Input Resistance
ri
20
30
k
VCC
Pin Connection Diagram
(Front View)
100
µf Cap
Input
GND
Filter Cap
Feedback
N.C.
10
9
8
7
6
5
4
3
2
Output
1
11
Feedback
GND
Filter
.591
(15.0)
1.181 (30.0)
.900 (22.86)
1.000 (25.4)
.310
(7.87)
.295
(7.5)
Min
.106 (2.7)
.185
(4.7)
.100 (2.54) Typ
111
.140 (3.56)


Similar Part No. - NTE1369

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1362 NTE-NTE1362 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1363 NTE-NTE1363 Datasheet
80Kb / 2P
   Integrated Circuit Audio Power Amp, 4.2W
NTE1365 NTE-NTE1365 Datasheet
23Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5W
NTE1367 NTE-NTE1367 Datasheet
30Kb / 3P
   Integrated Circuit Dual, Audio Power Amp, 2.3W to 5W (4.6W to 15W BTL)
NTE1368 NTE-NTE1368 Datasheet
22Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 5.8W/Channel
More results

Similar Description - NTE1369

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1240 NTE-NTE1240 Datasheet
72Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE1362 NTE-NTE1362 Datasheet
81Kb / 2P
   Integrated Circuit Audio Power Amp, 5.5W
NTE7102 NTE-NTE7102 Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL)
NTE1707 NTE-NTE1707 Datasheet
82Kb / 4P
   Integrated Circuit AF Power Amp, 5.5W/Channel
logo
Lyontek Inc.
LY8009 LYONTEK-LY8009_12 Datasheet
545Kb / 17P
   5.5W Mono Filterless Class D Audio power Amplifier
logo
NTE Electronics
NTE7011 NTE-NTE7011 Datasheet
75Kb / 3P
   Integrated Circuit 20W Audio Power Amplifier Circuit
NTE1115 NTE-NTE1115 Datasheet
30Kb / 4P
   Integrated Circuit Audio Power Amplifier, 7W
NTE7143 NTE-NTE7143 Datasheet
29Kb / 2P
   Integrated Circuit Audio Power Amplifier, 20W
NTE1285 NTE-NTE1285 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 5.8W
NTE1294 NTE-NTE1294 Datasheet
23Kb / 3P
   Integrated Circuit Audio Power Amplifier, 1.2W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com