Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC04GBFY6 Datasheet(PDF) 6 Page - Numonyx B.V

Part # SMC04GBFY6
Description  32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

SMC04GBFY6 Datasheet(HTML) 6 Page - Numonyx B.V

Back Button SMC04GBFY6 Datasheet HTML 2Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 3Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 4Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 5Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 6Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 7Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 8Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 9Page - Numonyx B.V SMC04GBFY6 Datasheet HTML 10Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
Contents
SMCxxxBF
6/91
10.1
Check Power Mode (98h or E5h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
10.2
Execute Drive Diagnostic (90h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
10.3
Erase Sector(s) (C0h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.4
Identify Drive (ECh) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.4.1
Word 0: General Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.4.2
Word 1: Default Number of Cylinders . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.4.3
Word 3: Default Number of Heads . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
10.4.4
Word 6: Default Number of Sectors per Track . . . . . . . . . . . . . . . . . . . . 59
10.4.5
Word 7-8: Number of Sectors per Card . . . . . . . . . . . . . . . . . . . . . . . . . 59
10.4.6
Word 10-19: Memory Card Serial Number . . . . . . . . . . . . . . . . . . . . . . 59
10.4.7
Word 23-26: Firmware Revision . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
10.4.8
Word 27-46: Model Number . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
10.4.9
Word 47: Read/Write Multiple Sector Count . . . . . . . . . . . . . . . . . . . . . 59
10.4.10 Word 49: Capabilities . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
10.4.11 Word 51: PIO Data Transfer Cycle Timing Mode . . . . . . . . . . . . . . . . . . 59
10.4.12 Word 53: Translation Parameter Valid . . . . . . . . . . . . . . . . . . . . . . . . . . 59
10.4.13 Word 54-56: Current Number of Cylinders, Heads, Sectors/Track . . . . 59
10.4.14 Word 57-58: Current Capacity . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
10.4.15 Word 59: Multiple Sector Setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
10.4.16 Word 60-61: Total Sectors Addressable in LBA Mode . . . . . . . . . . . . . . 60
10.4.17 Word 63: Multi-Word DMA transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
10.4.18 Word 64: Advanced PIO transfer modes supported . . . . . . . . . . . . . . . 61
10.4.19 Word 65: Minimum Multi-Word DMA transfer cycle time . . . . . . . . . . . . 61
10.4.20 Word 66: Recommended Multi-Word DMA transfer cycle time . . . . . . . 61
10.4.21 Word 67: Minimum PIO transfer cycle time without flow control . . . . . . 61
10.4.22 Word 68: Minimum PIO transfer cycle time with IORDY . . . . . . . . . . . . 61
10.4.23 Word 163: Advanced True IDE Timing mode capabilities and settings . 62
10.4.24 Word 164: Advanced PCMCIA I/O and Memory Timing modes
capabilities and settings 62
10.5
Idle (97h or E3h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
10.6
Idle Immediate (95h or E1h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
10.7
Initialize Drive Parameters (91h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
10.8
NOP (00h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
10.9
Read Buffer (E4h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
10.10 Read DMA (C8h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
10.11 Read Multiple (C4h) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68


Similar Part No. - SMC04GBFY6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMC04GBFY6 STMICROELECTRONICS-SMC04GBFY6 Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
SMC04GBFY6E STMICROELECTRONICS-SMC04GBFY6E Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
More results

Similar Description - SMC04GBFY6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMCXXXBF STMICROELECTRONICS-SMCXXXBF Datasheet
833Kb / 91P
   32MByte, 64MByte, 128MByte, 256MByte, 512MByte, 1GByte, 2GByte, and 4GByte 3.3/5V Supply CompactFlash??Card
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
   CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
   CompactFlash Card
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
   300X CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
   CompactFlash Card Controller
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
   400X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
   600X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
   industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
   80X CompactFlash Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com